Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC138MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC138MTC
Description  3-to-8 Line Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC138MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC138MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC138MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions
Note 2: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 3: Unless otherwise specified all voltages are referenced to ground.
Note 4: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 5)
Note 5: For a power supply of 5V
± 10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
− 0.5 to + 7.0V
DC Input Voltage (VIN)
− 1.5 to V
CC + 1.5V
DC Output Voltage (VOUT)
− 0.5 to V
CC + 0.5V
Clamp Diode Current (IIK, IOK)
± 20 mA
DC Output Current, per pin (IOUT)
± 25 mA
DC VCC or GND Current, per pin
(ICC)
± 50 mA
Storage Temperature Range (TSTG)
− 65°C to + 150°C
Power Dissipation (PD)
(Note 4)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA) −40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
V
6.0V
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
V
6.0V
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
| IOUT | ≤ 20 µA
2.0V
2.0
1.9
1.9
V
4.5V
4.5
4.4
4.4
V
6.0V
6.0
5.9
5.9
V
VIN = VIH or VIL
|IOUT | ≤ 4.0 mA
4.5V
4.2
3.98
3.84
V
| IOUT | ≤ 5.2 mA
6.0V
5.7
5.48
5.34
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Output Voltage
| IOUT | ≤ 20 µA
2.0V
0
0.1
0.1
V
4.5V
0
0.1
0.1
V
6.0V
0
0.1
0.1
V
VIN = VIH or VIL
| IOUT | ≤ 4.0 mA
4.5V
0.2
0.26
0.33
V
| IOUT | ≤ 5.2 mA
6.0V
0.2
0.26
0.33
V
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC138MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC138MTC ONSEMI-MM74HC138MTC Datasheet
175Kb / 9P
   3-to-8 Line Decoder
Revised February 1999
More results

Similar Description - MM74HC138MTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com