Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC148M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC148M
Description  8-3 Line Priority Encoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC148M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC148M Datasheet HTML 1Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 2Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 3Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 4Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 5Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 6Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 7Page - Fairchild Semiconductor MM74HC148M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 1987
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS009390.prf
www.fairchildsemi.com
MM74HC148
8-3 Line Priority Encoder
General Description
The MM74HC148 priority encoder utilizes advanced sili-
con-gate CMOS technology. It has the high noise immunity
and low power consumption typical of CMOS circuits, as
well as the speeds and output drive similar to LB-TTL.
This priority encoder accepts 8 input request lines 0–7 and
outputs 3 lines A0–A2. The priority encoding ensures that
only the highest order data line is encoded. Cascading cir-
cuitry (enable input EI and enable output EO) has been
provided to allow octal expansion without the need for
external circuitry. All data inputs and outputs are active at
the low logic level.
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 13 ns
s Wide supply voltage range: 2V–6V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC and TSSOP
Truth Table
H
= HIGH
L
= LOW
X
= Irrelevant
Order Number
Package Number
Package Description
MM74HC148M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC148MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC148N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Inputs
Outputs
EI 012 345 67 A2 A1 A0 GS EO
H XXX XXX XX
H
H
H
H
H
L H H HHH HHH
H
H
H
H
L
L XXX XXX X L
L
L
L
L
H
L XXX XXX L H
L
L
H
L
H
L XXX XX L H H
L
H
L
L
H
L XXX X L H H H
L
H
H
L
H
L XXX L H H H H
H
L
L
L
H
L X X L HH HHH
H
L
H
L
H
L X L HHH HHH
H
H
L
L
H
L
L H HHH HHH
H
H
H
L
H


Similar Part No. - MM74HC148M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC148 NSC-MM74HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
More results

Similar Description - MM74HC148M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
   8-to-3-line Octal Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com