Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F583-IM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F583-IM
Description  Programmable hysteresis and response time Configurble as interrupt or reset source Low current
Download  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F583-IM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F583-IM Datasheet HTML 1Page - Silicon Laboratories C8051F583-IM Datasheet HTML 2Page - Silicon Laboratories C8051F583-IM Datasheet HTML 3Page - Silicon Laboratories C8051F583-IM Datasheet HTML 4Page - Silicon Laboratories C8051F583-IM Datasheet HTML 5Page - Silicon Laboratories C8051F583-IM Datasheet HTML 6Page - Silicon Laboratories C8051F583-IM Datasheet HTML 7Page - Silicon Laboratories C8051F583-IM Datasheet HTML 8Page - Silicon Laboratories C8051F583-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 356 page
background image
Mixed Signal ISP Flash MCU Family
C8051F58x/F59x
Rev. 1.2 4/11
Copyright © 2011 by Silicon Laboratories
C8051F580/1/2/3/4/5/6/7/8/9-F590/1
Analog Peripherals
-
12-Bit ADC
Up to 200 ksps
Up to 32 external single-ended inputs
VREF from on-chip VREF, external pin or VDD
Internal or external start of conversion source
Built-in temperature sensor
-
Three Comparators
Programmable hysteresis and response time
Configurable as interrupt or reset source
Low current
On-Chip Debug
-
On-chip debug circuitry facilitates full speed, non-
intrusive in-system debug (no emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-chips, target pods, and sockets
-
Low cost, complete development kit
Supply Voltage 1.8 to 5.25 V
-
Typical operating current: 15 mA at 50 MHz;
Typical stop mode current: 230 µA
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 50 MIPS throughput with 50 MHz clock
-
Expanded interrupt handler
Automotive Qualified
-
Temperature Range: –40 to +125 °C
Memory
-
8448 bytes internal data RAM (256 + 8192 XRAM)
-
128 or 96 kB Banked Flash; In-system programma-
ble in 512-byte Sectors
-
External 64 kB data memory interface programma-
ble for multiplexed or non-multiplexed mode
Digital Peripherals
-
40, 33, or 25 Port I/O; All 5 V push-pull with high
sink current
-
CAN 2.0 Controller—no crystal required
-
LIN 2.1 Controller (Master and Slave capable); no
crystal required
-
Two Hardware enhanced UARTs, SMBus™, and
enhanced SPI™ serial ports
-
Six general purpose 16-bit counter/timers
-
Two 16-Bit programmable counter array (PCA)
peripherals with six capture/compare modules each
and enhanced PWM functionality
Clock Sources
-
Internal 24 MHz with ±0.5% accuracy for CAN and
master LIN operation.
-
External oscillator: Crystal, RC, C, or clock
(1 or 2 pin modes)
-
Can switch between clock sources on-the-fly;
useful in power saving modes
Packages
-
48-Pin QFP/QFN (C8051F580/1/4/5)
-
40-Pin QFN (C8051F588/9-F590/1)
-
32-Pin QFP/QFN (C8051F582/3/6/7)
ANALOG
PERIPHERALS
128 kB
ISP FLASH
8 kB XRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(50 MIPS)
DIGITAL I/O
24 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
WDT
2x Clock Multiplier
UART 0-1
SMBus
SPI
PCA x 2
Timers 0-5
CAN
Crossbar
LIN
Ports 0-4
External
Memory
Interface
A
M
U
X
12-bit
200 ksps
ADC
TEMP
SENSOR
Voltage
Comparators 0-2
VREG
VREF


Similar Part No. - C8051F583-IM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F583-IM SILABS-C8051F583-IM Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
C8051F583-IMR SILABS-C8051F583-IMR Datasheet
106Kb / 6P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F583-IM

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4IOE5V9539 PERICOM-PI4IOE5V9539 Datasheet
584Kb / 17P
   interrupt and reset
PI4IOE5V9538 PERICOM-PI4IOE5V9538 Datasheet
127Kb / 1P
   interrupt and reset
PI4IOE5V9522 PERICOM-PI4IOE5V9522 Datasheet
469Kb / 13P
   interrupt and reset
PI4IOE5V9521 PERICOM-PI4IOE5V9521 Datasheet
382Kb / 13P
   interrupt and reset
PI4IOE5V9537 PERICOM-PI4IOE5V9537 Datasheet
466Kb / 13P
   interrupt and reset
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
   Low leakage current, Fast response time
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
Analog Devices
ADCMP341 AD-ADCMP341_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
ADCMP343 AD-ADCMP343_15 Datasheet
346Kb / 12P
   Comparators and Reference with Programmable Hysteresis
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com