Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC14MX_NL Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HC14MX_NL
Description  Hex Inverting Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC14MX_NL Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC14MX_NL Datasheet HTML 1Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 2Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 3Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 4Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 5Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 6Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 7Page - Fairchild Semiconductor MM74HC14MX_NL Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:

12 mW/
qC from 65qC to 85qC.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
r10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
0.5 to 7.0V
DC Input Voltage (VIN)
1.5 to VCC 1.5V
DC Output Voltage (VOUT)
0.5 to VCC 0.5V
Clamp Diode Current (IIK, IOK)
r20 mA
DC Output Current, per pin (IOUT)
r25 mA
DC VCC or GND Current, per pin
(ICC)
r50 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
qC
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
55 125
qC
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
VT
Positive Going
Minimum
2.0V
1.2
1.0
1.0
1.0
V
Threshold Voltage
4.5V
2.7
2.0
2.0
2.0
V
6.0V
3.2
3.0
3.0
3.0
V
Maximum
2.0V
1.2
1.5
1.5
1.5
V
4.5V
2.7
3.15
3.15
3.15
V
6.0V
3.2
4.2
4.2
4.2
V
VT
Negative Going
Minimum
2.0V
0.7
0.3
0.3
0.3
V
Threshold Voltage
4.5V
1.8
0.9
0.9
0.9
V
6.0V
2.2
1.2
1.2
1.2
V
Maximum
2.0V
0.7
1.0
1.0
1.0
V
4.5V
1.8
2.2
2.2
2.2
V
6.0V
2.2
3.0
3.0
3.0
V
VH
Hysteresis Voltage
Minimum
2.0V
0.5
0.2
0.2
0.2
V
4.5V
0.9
0.4
0.4
0.4
V
6.0V
1.0
0.5
0.5
0.5
V
Maximum
2.0V
0.5
1.0
1.0
1.0
V
4.5V
0.9
1.4
1.4
1.4
V
6.0V
1.0
1.5
1.5
1.5
V
VOH
Minimum HIGH Level
VIN VIL
2.0V
2.0
1.9
1.9
1.9
V
Output Voltage
|IOUT| 20 PA
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN VIL
|IOUT| 4.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| 5.2 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN VIH
2.0V
0
0.1
0.1
0.1
V
Output Voltage
|IOUT| 20 PA
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN VIH
|IOUT| 4.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| 5.2 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input Current VIN VCC or GND
6.0V
r0.1
r1.0
r1.0
PA
ICC
Maximum Quiescent
VIN VCC or GND
6.0V
2.0
20
40
PA
Supply Current
IOUT 0 PA


Similar Part No. - MM74HC14MX_NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC14M ONSEMI-MM74HC14M Datasheet
413Kb / 6P
   Hex Inverting Schmitt Trigger
August-2017, Rev. 2
MM74HC14MTC ONSEMI-MM74HC14MTC Datasheet
413Kb / 6P
   Hex Inverting Schmitt Trigger
August-2017, Rev. 2
More results

Similar Description - MM74HC14MX_NL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com