Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MM74HC161 Datasheet(HTML) 1 Page - Fairchild Semiconductor

Part No. MM74HC161
Description  Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74HC161 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC161 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005008.prf
www.fairchildsemi.com
MM74HC161 • MM74HC163
Synchronous Binary Counter with Asynchronous Clear
• Synchronous Binary Counter with Synchronous Clear
General Description
The MM74HC161 and MM74HC163 synchronous presetta-
ble counters utilize advanced silicon-gate CMOS technol-
ogy and internal look-ahead carry logic for use in high
speed counting applications. They offer the high noise
immunity and low power consumption inherent to CMOS
with speeds similar to low power Schottky TTL. The HC161
and the HC163 are 4 bit binary counters. All flip-flops are
clocked simultaneously on the LOW-to-HIGH transition
(positive edge) of the CLOCK input waveform.
These counters may be preset using the LOAD input. Pre-
setting of all four flip-flops is synchronous to the rising edge
of CLOCK. When LOAD is held LOW counting is disabled
and the data on the A, B, C, and D inputs is loaded into the
counter on the rising edge of CLOCK. If the load input is
taken HIGH before the positive edge of CLOCK the count
operation will be unaffected.
All of these counters may be cleared by utilizing the
CLEAR input. The clear function on the MM74HC163
counter is synchronous to the clock. That is, the counters
are cleared on the positive edge of CLOCK while the clear
input is held LOW.
The MM74HC161 counter is cleared asynchronously.
When the CLEAR is taken LOW the counter is cleared
immediately regardless of the CLOCK.
Two active HIGH enable inputs (ENP and ENT) and a RIP-
PLE CARRY (RC) output are provided to enable easy cas-
cading of counters. Both ENABLE inputs must be HIGH to
count. The ENT input also enables the RC output. When
enabled, the RC outputs a positive pulse when the counter
overflows. This pulse is approximately equal in duration to
the HIGH level portion of the QA output. The RC output is
fed to successive cascaded stages to facilitate easy imple-
mentation of N-bit counters.
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground.
Features
s Typical operating frequency: 40 MHz
s Typical propagation delay; clock to Q: 18 ns
s Low quiescent current: 80
µA maximum (74HC Series)
s Low input current: 1
µA maximum
s Wide power supply range: 2–6V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package Number
Package Description
MM74HC161M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC161SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC161MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC161N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74HC163M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
MM74HC163SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC163MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC163N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn