Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3225X5R0J156M Datasheet(PDF) 1 Page - TDK Electronics

Part # C3225X5R0J156M
Description  Ceramic Capacitors For Smoothing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3225X5R0J156M Datasheet(HTML) 1 Page - TDK Electronics

  C3225X5R0J156M Datasheet HTML 1Page - TDK Electronics C3225X5R0J156M Datasheet HTML 2Page - TDK Electronics C3225X5R0J156M Datasheet HTML 3Page - TDK Electronics C3225X5R0J156M Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
4416_C3225
(1/4)
Ceramic Capacitors
C Series
For Smoothing
SMD
FEATURES
• Providing capacitance values in the range of electrolytic types
and long service life, this product is recommended for high-
reliability power supply applications.
• Low ESR and excellent frequency characteristics make this
capacitor a superior choice for high-frequency and high-density
power supplies.
APPLICATIONS
DC to DC converters, switching power supplies.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Capacitance temperature characteristics
Class 2
(4) Rated voltage Edc
(5) Nominal capacitance
The capacitance is expressed in three digit codes and in units of
pico farads (pF).
The first and second digits identify the first and second significant
figures of the capacitance.
The third digit identifies the multiplier.
R designates a decimal point.
(6) Capacitance tolerance
(7) Packaging style
C 3225 X7R 1E 105 M
(1)
(2)
(3) (4) (5) (6) (7)
3225
3.2
×2.5mm
4532
4.5
×3.2mm
5750
5.7
×5.0mm
Temperature
characteristics
Capacitance change
Temperature range
X7R
±15%
–55 to +125°C
X5R
±15%
–55 to +85°C
Y5V
+22, –82%
–30 to +85°C
0J
6.3V
1A
10V
1C
16V
1E
25V
1H
50V
105
1000000pF[1µF]
K
±10%
M
±20%
Z
+80, –20%
T
Taping (reel)
B
Bulk


Similar Part No. - C3225X5R0J156M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225X5R0J102BTXXXX TDK-C3225X5R0J102BTXXXX Datasheet
1Mb / 72P
   General Application
C3225X5R0J102WTXXXX TDK-C3225X5R0J102WTXXXX Datasheet
1Mb / 72P
   General Application
C3225X5R0J105KB TDK-C3225X5R0J105KB Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225X5R0J105KT TDK-C3225X5R0J105KT Datasheet
169Kb / 4P
   Ceramic Capacitors
C3225X5R0J105MB TDK-C3225X5R0J105MB Datasheet
169Kb / 4P
   Ceramic Capacitors
More results

Similar Description - C3225X5R0J156M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25355 EPCOS-B25355 Datasheet
436Kb / 30P
   MP DC Capacitors Smoothing, Supporting, Discharge
logo
Motorola, Inc
MC145076 MOTOROLA-MC145076 Datasheet
124Kb / 8P
   MC 145076 Stereo Audio FIR Smoothing Filter
logo
Johanson Technology Inc...
6R3R15X476MV4E JOHANSON-6R3R15X476MV4E Datasheet
129Kb / 2P
   Switching Power Supply Smoothing (Input/Output)
logo
Panasonic Semiconductor
ECJ-2VB1H272K PANASONIC-ECJ-2VB1H272K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H820J PANASONIC-ECJ-1VC1H820J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1E104K PANASONIC-ECJ-1VB1E104K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1A153 PANASONIC-ECJZEB1A153 Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJZEB1E681 PANASONIC-ECJZEB1E681 Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
logo
AVX Corporation
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
TDK Electronics
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com