Electronic Components Datasheet Search |
|
C8051F921-F-GM Datasheet(PDF) 9 Page - Silicon Laboratories |
|
C8051F921-F-GM Datasheet(HTML) 9 Page - Silicon Laboratories |
9 / 330 page Rev. 1.3 9 C8051F93x-C8051F92x List of Figures Figure 1.1. C8051F930 Block Diagram .................................................................... 18 Figure 1.2. C8051F931 Block Diagram .................................................................... 18 Figure 1.3. C8051F920 Block Diagram .................................................................... 19 Figure 1.4. C8051F921 Block Diagram .................................................................... 19 Figure 1.5. Port I/O Functional Block Diagram ......................................................... 21 Figure 1.6. PCA Block Diagram................................................................................ 22 Figure 1.7. ADC0 Functional Block Diagram............................................................ 23 Figure 1.8. ADC0 Multiplexer Block Diagram ........................................................... 24 Figure 1.9. Comparator 0 Functional Block Diagram ............................................... 25 Figure 1.10. Comparator 1 Functional Block Diagram ............................................. 25 Figure 3.1. QFN-32 Pinout Diagram (Top View) ...................................................... 31 Figure 3.2. QFN-24 Pinout Diagram (Top View) ...................................................... 32 Figure 3.3. LQFP-32 Pinout Diagram (Top View)..................................................... 33 Figure 3.4. QFN-32 Package Marking Diagram ....................................................... 34 Figure 3.5. QFN-24 Package Marking Diagram ....................................................... 35 Figure 3.6. LQFP-32 Package Marking Diagram ..................................................... 36 Figure 3.7. QFN-32 Package Drawing ..................................................................... 37 Figure 3.8. Typical QFN-32 Landing Diagram.......................................................... 38 Figure 3.9. QFN-24 Package Drawing ..................................................................... 40 Figure 3.10. Typical QFN-24 Landing Diagram........................................................ 41 Figure 3.11. LQFP-32 Package Diagram ................................................................. 43 Figure 3.12. Typical LQFP-32 Landing Diagram ...................................................... 44 Figure 4.1. Active Mode Current (External CMOS Clock) ........................................ 48 Figure 4.2. Idle Mode Current (External CMOS Clock) ............................................ 49 Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V) ... 50 Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) ... 51 Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V).... 52 Figure 4.6. Typical One-Cell Suspend Mode Current............................................... 53 Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................. 55 Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................. 56 Figure 4.9. Typical VOL Curves, 1.8–3.6 V .............................................................. 57 Figure 4.10. Typical VOL Curves, 0.9–1.8 V ............................................................ 58 Figure 5.1. ADC0 Functional Block Diagram............................................................ 67 Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0).... 70 Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 ................... 72 Figure 5.4. ADC0 Equivalent Input Circuits .............................................................. 73 Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data ... 83 Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data...... 83 Figure 5.7. ADC0 Multiplexer Block Diagram ........................................................... 84 Figure 5.8. Temperature Sensor Transfer Function ................................................. 86 Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) ..... 87 Figure 5.10. Voltage Reference Functional Block Diagram...................................... 89 Figure 7.1. Comparator 0 Functional Block Diagram ............................................... 93 |
Similar Part No. - C8051F921-F-GM |
|
Similar Description - C8051F921-F-GM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |