Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC221AM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC221AM
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC221AM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC221AM Datasheet HTML 1Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 2Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 3Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 4Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 5Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 6Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 7Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 8Page - Fairchild Semiconductor MM74HC221AM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
Theory of Operation
FIGURE 1.
TRIGGER OPERATION
As shown in
Figure 1 and the logic diagram before an input
trigger occurs, the monostable is in the quiescent state with
the Q output LOW, and the timing capacitor CEXT com-
pletely charged to VCC. When the trigger input A goes from
VCC to GND (while inputs B and clear are held to VCC) a
valid trigger is recognized, which turns on comparator C1
and N-channel transistor N11. At the same time the output
latch is set. With transistor N1 on, the capacitor CEXT rap-
idly discharges toward GND until VREF1 is reached. At this
point the output of comparator C1 changes state and tran-
sistor N1 turns off. Comparator C1 then turns off while at
the same time comparator C2 turns on. With transistor N1
off, the capacitor CEXT begins to charge through the timing
resistor, REXT, toward VCC. When the voltage across CEXT
equals VREF2, comparator C2 changes state causing the
output latch to reset (Q goes LOW) while at the same time
disabling comparator C2. This ends the timing cycle with
the monostable in the quiescent state, waiting for the next
trigger.
A valid trigger is also recognized when trigger input B goes
from GND to VCC (while input A is at GND and input clear
is at VCC2). The MM74HC221 can also be triggered when
clear goes from GND to VCC (while A is at Gnd and B is at
VCC6).
It should be noted that in the quiescent state CEXTis fully
charged to VCC causing the current through resistor REXT
to be zero. Both comparators are “off” with the total device
current due only to reverse junction leakages. An added
feature of the MM74HC221 is that the output latch is set via
the input trigger without regard to the capacitor voltage.
Thus, propagation delay from trigger to Q is independent of
the value of CEXT, REXT, or the duty cycle of the input
waveform.
The MM74HC221 is non-retriggerable and will ignore input
transitions on A and B until it has timed out 3 and 4.
RESET OPERATION
These one shots may be reset during the generation of the
output pulse. In the reset mode of operation, an input pulse
on clear sets the reset latch and causes the capacitor to be
fast charged to VCC by turning on transistor Q1 5. When
the voltage on the capacitor reaches VREF2, the reset latch
will clear and then be ready to accept another pulse. If the
clear input is held LOW, any trigger inputs that occur will be
inhibited and the Q and Q outputs of the output latch will
not change. Since the Q output is reset when an input low
level is detected on the Clear input, the output pulse T can
be made significantly shorter than the minimum pulse width
specification.


Similar Part No. - MM74HC221AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC221AM FAIRCHILD-MM74HC221AM Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC221AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com