Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAZH686K006CRSB0H00 Datasheet(PDF) 9 Page - AVX Corporation

Part # TAZH686K006CRSB0H00
Description  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686K006CRSB0H00 Datasheet(HTML) 9 Page - AVX Corporation

Back Button TAZH686K006CRSB0H00 Datasheet HTML 5Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 6Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 7Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 8Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 9Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 10Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 11Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 12Page - AVX Corporation TAZH686K006CRSB0H00 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
JUNE 2013
15
A low ESR version of CWR09 and CWR19 that
is fully qualified to MIL-PRF-55365/11, the
CWR29 series represents the most flexible of
surface mount form factors and the optimum
power handing for all filtering applications. It is
offered in nine case sizes (the original A through
H of CWR09 and adding the new X case size).
The molded body / compliant termination con-
struction ensures no TCE mismatch with any
substrate. This construction is compatible with a
wide range of SMT board assembly processes
including wave or reflow solder, conductive
epoxy or compression bonding techniques. The
parts also carry full polarity and capacitance /
voltage marking.
The five smaller cases are characterized by their
low profile construction, with the A case being the
world’s smallest molded military tantalum chip.
The series is qualified to MIL-PRF-55365 Weibull
“B”, “C”, “D” and “T” levels, with all surge options
(“A”, “B” & “C”) available.
For Space Level applications, AVX SRC 9000
qualification is recommended (see ratings table
for part number availability).
There are four termination finishes available:
solder plated, fused solder plated, hot solder
dipped and gold plated (these are “H”, “K”, “C”
and “B” termination, respectively, per MIL-PRF-
55365). In addition, the molding compound has
been selected to meet the requirements of
UL94V-0 (Flame Retardancy) and outgassing
requirements of NASA SP-R-0022A.
The TAZ “X” case size components are
considered to be MSL 3 in accordance with
J-STD-020.
MARKING
(White marking on black body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
TAZ Series
CWR29 - MIL-PRF-55365/11 Established Reliability, COTS-Plus & Space Level
Capacitance
Rated voltage DC (V
R) at 85ºC
μF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
50V (N)
0.10
104
A
0.15
154
A
0.22
224
AB
0.33
334
AA
B
0.47
474
A
A
B
C
0.68
684
A
A/B
B
C
D
1.0
105
A
A
A/B
B/C
D
E
1.5
155
A
A/B
B/C
D
E
F
2.2
225
A
A/B
A/C
B/D
D/E
F
3.3
335
A
A/B
A/C
B/D
D/E
E
F
G
4.7
475
A/B
A/C
B/C/D
B/C/D/E
E
F
G
H
6.8
685
A/C
B/D
B/C/D/E
D/E
E/F
F/G
G/H
10
106
B/D
B/E
B/C/D/E
D/E/F
E/F
G
H
15
156
B/E
B/D/E
D/E/F
E/F
F/G
G/H
22
226
B/D
D/E/F
E
F/G
G/H
G/H
33
336
D/E/F
E
F/G
F/G/H
H
H
47
476
E
F/G
F/G/H
G/H
H/X
68
686
E/G
F/G/H
G
G/H
100
107
F/H
G
G/H
H
150
157
G
G
H/X
220
227
H
H
H
330
337
H
H
CWR29-MIL-PRF 55365/11
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)
CASE DIMENSIONS:
millimeters (inches)
Case
Length (L)
Width (W)
Height (H)
Term. Length (A)
Typical
Code ±0.38 (0.015) ±0.38 (0.015) ±0.38 (0.015)
Term. Width (W1)
+0.25/-0.13
S min
Weight (g)
(+0.010/-0.005)
A
2.54 (0.100)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
0.38 (0.015)
0.016
(0.050±0.005)
B
3.81 (0.150)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
1.65 (0.065)
0.025
(0.050±0.005)
C
5.08 (0.200)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
2.92 (0.115)
0.035
(0.050±0.005)
D
3.81 (0.150)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
1.65 (0.065)
0.045
(0.095+0.005/-0.010)
E
5.08 (0.200)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
2.92 (0.115)
0.065
(0.095+0.005/-0.010)
F
5.59 (0.220)
3.43 (0.135)
1.78 (0.070)
3.30±0.13
0.76 (0.030)
3.43 (0.135)
0.125
(0.130±0.005)
G
6.73 (0.265)
2.79 (0.110)
2.79 (0.110)
2.67±0.13
1.27 (0.050)
3.56 (0.140)
0.205
(0.105±0.005)
H
7.24 (0.285)
3.81 (0.150)
2.79 (0.110)
3.68+0.13/-0.51
1.27 (0.050)
4.06 (0.160)
0.035
(0.145+0.005/-0.020)
X
6.93 Max
5.41 Max
2.74 Max
3.05±0.13
1.19 (0.047)
N/A
0.420
(0.273)
(0.213)
(0.108)
(0.120±0.005)


Similar Part No. - TAZH686K006CRSB0H00

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

Similar Description - TAZH686K006CRSB0H00

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com