Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC221ASJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC221ASJ
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC221ASJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC221ASJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 7Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 8Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCCf + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPLH
Maximum Trigger Propagation
22
36
ns
Delay A, B or Clear to Q
tPHL
Maximum Trigger Propagation
25
42
ns
Delay A, B or Clear to Q
tPHL
Maximum Propagation Delay Clear to Q
20
31
ns
tPLH
Maximum Propagation Delay Clear to Q
22
33
ns
tW
Minimum Pulse Width A, B or Clear
14
26
ns
tREM
Minimum Clear Removal Time
0ns
tWQ(MIN)
Minimum Output Pulse Width
CEXT = 28 pF
400
ns
REXT = 2 kΩ
tWQ
Output Pulse Width
CEXT = 1000 pF
10
µs
REXT = 10 kΩ
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPLH
Maximum Trigger Propagation
2.0V
77
169
194
210
ns
Delay A, B or Clear to Q
4.5V
26
42
51
57
ns
6.0V
21
32
39
44
ns
tPHL
Maximum Trigger Propagation
2.0V
88
197
229
250
ns
Delay A, B or Clear to Q
4.5V
29
48
60
67
ns
6.0V
24
38
46
51
ns
tPHL
Maximum Propagation
2.0V
54
114
132
143
ns
Delay Clear to Q
4.5V
23
34
41
45
ns
6.0V
19
28
33
36
ns
tPLH
Maximum Propagation
2.0V
56
116
135
147
ns
Delay Clear to Q
4.5V
25
36
42
46
ns
6.0V
20
29
34
37
ns
tW
Minimum Pulse Width
2.0V
57
123
144
157
ns
A, B, Clear
4.5V
17
30
37
42
ns
6.0V
12
21
27
30
ns
tREM
Minimum Clear
2.0V
0
0
0
ns
Removal Time
4.5V
0
0
0
ns
6.0V
0
0
0
ns
tTLH, tTHL Maximum Output
2.0V
30
75
95
110
ns
Rise and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
tWQ(MIN)
Minimum Output
CEXT = 28 pF
2.0V
1.5
µs
Pulse Width
REXT = 2 kΩ
4.5V
450
ns
REXT = 6 kΩ (VCC = 2V)
6.0V
380
ns
tWQ
Output Pulse Width
CEXT = 0.1 µF
Min
5.0V
1
0.9
0.86
0.85
ms
REXT = 10 kΩ
Max
5.0V
1
1.1
1.14
1.15
ms
CPD
Power Dissipation
87
pF
Capacitance (Note 5)
CIN
Maximum Input
12
20
20
20
pF
Capacitance (Pins 7 & 15)
CIN
Maximum Input
6
10
10
10
pF
Capacitance (other inputs)


Similar Part No. - MM74HC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC221ASJ FAIRCHILD-MM74HC221ASJ Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com