Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC259 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC259
Description  8-Bit Addressable Latch/3-to-8 Line Decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC259 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC259 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC259 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005006.prf
www.fairchildsemi.com
MM74HC259
8-Bit Addressable Latch/3-to-8 Line Decoder
General Description
The MM74HC259 device utilizes advanced silicon-gate
CMOS technology to implement an 8-bit addressable latch,
designed for general purpose storage applications in digital
systems.
The MM74HC259 has a single data input (D), 8 latch out-
puts (Q1–Q8), 3 address inputs (A, B, and C), a common
enable input (G), and a common CLEAR input. To operate
this device as an addressable latch, data is held on the D
input, and the address of the latch into which the data is to
be entered is held on the A, B, and C inputs. When
ENABLE is taken LOW the data flows through to the
addressed output. The data is stored when ENABLE transi-
tions from LOW-to-HIGH. All unaddressed latches will
remain unaffected. With enable in the HIGH state the
device is deselected, and all latches remain in their previ-
ous state, unaffected by changes on the data or address
inputs. To eliminate the possibility of entering erroneous
data into the latches, the enable should be held HIGH
(inactive) while the address lines are changing.
If enable is held HIGH and CLEAR is taken LOW all eight
latches are cleared to a LOW state. If enable is LOW all
latches except the addressed latch will be cleared. The
addressed latch will instead follow the D input, effectively
implementing a 3-to-8 line decoder.
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground.
Features
s Typical propagation delay: 18 ns
s Wide supply range: 2–6V
s Low input current: 1
µA maximum
s Low quiescent current: 80
µA maximum (74HC Series)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Latch Selection Table
H
= HIGH level, L = LOW level
D
= the level at the data input
Qi0 the level of Qi (i = 0, 1...7, as appropriate)
before the indicated steady-state input
conditions were established.
Order Number
Package Number Package Description
MM74HC259M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74HC259SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC259MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC259N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Select Inputs
Latch
C
B
A
Addressed
LLL
0
LL
H
1
LH
L
2
LH
H
3
HL
L
4
HL
H
5
HH
L
6
HHH
7


Similar Part No. - MM74HC259

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
MM74HC251M FAIRCHILD-MM74HC251M Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
MM74HC251MTC FAIRCHILD-MM74HC251MTC Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
MM74HC251N FAIRCHILD-MM74HC251N Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
MM74HC251SJ FAIRCHILD-MM74HC251SJ Datasheet
74Kb / 7P
   8-Channel 3-STATE Multiplexer
More results

Similar Description - MM74HC259

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
STMicroelectronics
M54HC131 STMICROELECTRONICS-M54HC131 Datasheet
262Kb / 12P
   3 TO 8 LINE DECODER/LATCH
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
   3- TO - 8 LINE DECODER/LATCH
logo
STMicroelectronics
M74HC237 STMICROELECTRONICS-M74HC237 Datasheet
181Kb / 11P
   3 TO 8 LINE DECODER LATCH
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP_07 Datasheet
384Kb / 9P
   3-to-8 Line Decoder/Latch
logo
STMicroelectronics
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER LATCH
M54HCT137 STMICROELECTRONICS-M54HCT137 Datasheet
260Kb / 12P
   3 TO 8 LINE DECODER/LATCH INVERTING
M54HC137 STMICROELECTRONICS-M54HC137 Datasheet
256Kb / 11P
   3 TO 8 LINE DECODER/LATCH INVERTING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com