Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC251N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC251N
Description  8-Channel 3-STATE Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC251N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC251N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC251N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005328.prf
www.fairchildsemi.com
MM74HC251
8-Channel 3-STATE Multiplexer
General Description
The MM74HC251 8-channel digital multiplexer with 3-
STATE outputs utilizes advanced silicon-gate CMOS tech-
nology. Along with the high noise immunity and low power
consumption of standard CMOS integrated circuits, it pos-
sesses the ability to drive 10 LS-TTL loads. The large out-
put drive capability and 3-STATE feature make this part
ideally suited for interfacing with bus lines in a bus oriented
system.
This multiplexer features both true (Y) and complement
(W) outputs as well as a STROBE input. The STROBE
must be at a low logic level to enable this device. When the
STROBE input is HIGH, both outputs are in the high
impedance state. When enabled, address information on
the data select inputs determines which data input is routed
to the Y and W outputs. The 74HC logic family is speed,
function, as well as pinout compatible with the standard
74LS logic family. All inputs are protected from damage
due to static discharge by internal diode clamps to VCC and
ground.
Features
s Typical propagation delay
Data select to Y: 26 ns
s Wide supply range: 2–6V
s Low power supply quiescent current:
80
µA maximum (74HC)
s 3-STATE outputs for interface to bus oriented
systems
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Order Number
Package Number
Package Description
MM74HC251M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74HC251SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC251MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC251N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74HC251N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253J NSC-MM74HC253J Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253M NSC-MM74HC253M Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
MM74HC253N NSC-MM74HC253N Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
More results

Similar Description - MM74HC251N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
   8-Channel Multiplexer (3-state)
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
   8 CHANNEL MULTIPLEXER (3 STATE)
logo
STMicroelectronics
M74HC251 STMICROELECTRONICS-M74HC251 Datasheet
379Kb / 11P
   8-CHANNEL MULTIPLEXER (3-STATE)
M54HC354 STMICROELECTRONICS-M54HC354 Datasheet
264Kb / 12P
   8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
   RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com