Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC393SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC393SJ
Description  Dual 4-Bit Binary Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC393SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC393SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC393SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005337.prf
www.fairchildsemi.com
MM74HC393
Dual 4-Bit Binary Counter
General Description
The MM74HC393 counter circuits contain independent rip-
ple carry counters and utilize advanced silicon-gate CMOS
technology. The MM74HC393 contains two 4-bit ripple
carry binary counters, which can be cascaded to create a
single divide-by-256 counter.
Each of the two 4-bit counters is incremented on the HIGH-
to-LOW transition (negative edge) of the clock input, and
each has an independent clear input. When clear is set
HIGH all four bits of each counter are set to a low level.
This enables count truncation and allows the implementa-
tion of divide-by-N counter configurations.
Each of the counters outputs can drive 10 low power
Schottky TTL equivalent loads. This counter is functionally
as well as pin equivalent to the 74LS393. All inputs are pro-
tected from damage due to static discharge by diodes to
VCC and ground.
Features
s Typical operating frequency: 50 MHz
s Typical propagation delay: 13 ns (Ck to QA)
s Wide operating supply voltage range: 2–6V
s Low input current:
<1 µA
s Low quiescent supply current: 80
µA maximum (74HC
Series)
s Fanout of 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Order Number
Package Number
Package Description
MM74HC393M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74HC393SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC393MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC393N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74HC393SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC393SJ FAIRCHILD-MM74HC393SJ Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
More results

Similar Description - MM74HC393SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC393 FAIRCHILD-74VHC393_07 Datasheet
297Kb / 10P
   Dual 4-Bit Binary Counter
logo
Intel Corporation
4520B INTEL-4520B Datasheet
165Kb / 3P
   DUAL 4-BIT BINARY COUNTER
logo
STMicroelectronics
M74HC4520 STMICROELECTRONICS-M74HC4520 Datasheet
361Kb / 12P
   DUAL 4 BIT BINARY COUNTER
logo
Texas Instruments
SN74LV393A-Q1 TI1-SN74LV393A-Q1 Datasheet
254Kb / 12P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
SN74LV393A-EP TI1-SN74LV393A-EP Datasheet
536Kb / 13P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
74VHC393 FAIRCHILD-74VHC393 Datasheet
109Kb / 8P
   Dual 4-Bit Binary Counter
MM74HC393 FAIRCHILD-MM74HC393_05 Datasheet
89Kb / 8P
   Dual 4-Bit Binary Counter
logo
Toshiba Semiconductor
TC74HC4520AP TOSHIBA-TC74HC4520AP_07 Datasheet
337Kb / 9P
   Dual 4-Bit Binary Counter
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com