Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A103 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQU2A103
Description  Metallized Polyester Film Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A103 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQU2A103 Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A103 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
■Dimensions in mm (not to scale)
■Rating & Dimensions
●Capacitance tolerance : ±10 % (K),±20 % (M)
Dimensions(mm)
Part No.
Cap.
(μF)
φd
Q
Min. order Q’ty
ECQU2A102□L( )
0.0010
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A122□L( )
0.0012
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A152□L( )
0.0015
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A182□L( )
0.0018
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A222□L( )
0.0022
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A272□L( )
0.0027
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A332□L( )
0.0033
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A392□L( )
0.0039
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A472□L( )
0.0047
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A562□L( )
0.0056
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A682□L( )
0.0068
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A822□L( )
0.0082
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A103□L( )
0.010
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A123□L( )
0.012
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A153□L( )
0.015
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A183□L( )
0.018
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A223□L( )
0.022
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A273□L( )
0.027
15.0
5.0
11.5
12.5
0.60
0±0.5
1.3
ECQU2A333□L( )
0.033
15.0
6.0
13.0
12.5
0.60
0±0.5
1.3
ECQU2A393□L( )
0.039
15.0
6.0
13.0
12.5
0.60
0±0.5
1.3
ECQU2A473□L( )
0.047
15.0
6.0
13.0
12.5
0.60
0±0.5
1.3
ECQU2A563□L( )
0.056
17.5
4.5
11.5
15.0
0.60
0±0.5
1.3
ECQU2A683□L( )
0.068
17.5
4.5
11.5
15.0
0.60
0±0.5
1.3
ECQU2A823□L( )
0.082
17.5
5.5
12.0
15.0
0.60
0±0.5
1.3
ECQU2A104□L( )
0.10
17.5
5.5
12.0
15.0
0.60
0±0.5
1.3
ECQU2A124□L( )
0.12
17.5
6.5
14.5
15.0
0.60
0±0.5
1.3
ECQU2A154□L( )
0.15
17.5
6.5
14.5
15.0
0.60
0±0.5
1.3
ECQU2A184□L( )
0.18
17.5
8.0
16.0
15.0
0.60
0±0.5
1.3
ECQU2A224□L( )
0.22
17.5
8.0
16.0
15.0
0.60
0±0.5
1.3
ECQU2A274□L( )
0.27
17.5
9.5
17.5
15.0
0.80
0±0.5
1.3
ECQU2A334□L( )
0.33
17.5
9.5
17.5
15.0
0.80
0±0.5
1.3
ECQU2A394□L( )
0.39
25.5
8.5
17.5
22.5
0.80
0±0.75
1.5
ECQU2A474□L( )
0.47
25.5
8.5
17.5
22.5
0.80
0±0.75
1.5
ECQU2A564□L( )
0.56
25.5
10.5
19.5
22.5
0.80
0±0.75
1.5
ECQU2A684□L( )
0.68
25.5
10.5
19.5
22.5
0.80
0±0.75
1.5
ECQU2A824□L( )
0.82
25.5
12.0
22.0
22.5
0.80
0±0.75
1.5
ECQU2A105□L( )
1.0
25.5
12.0
22.0
22.5
0.80
0±0.75
1.5
ECQU2A125□L( )
1.2
30.5
16.5
26.0
27.5
0.80
0±0.75
1.5
ECQU2A155□L( )
1.5
30.5
16.5
26.0
27.5
0.80
0±0.75
1.5
ECQU2A185□L( )
1.8
30.5
19.0
29.5
27.5
0.80
0±0.75
1.5
ECQU2A225□L( )
2.2
30.5
19.0
29.5
27.5
0.80
0±0.75
1.5
ECQU2A335□L( )
3.3
30.5
23.0
34.0
27.5
0.80
0±0.75
1.5
500
Marking Example
Note : only ± 10 % as cap. tol. be marked as “K”. Note
Data Code.
※≧1.2μF ±1.0
Cap. tol. code
Solder-plated copper-clad steel wire
P (Lead location limits from center)
3.3


Similar Part No. - ECQU2A103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A103 PANASONIC-ECQU2A103 Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A103 PANASONIC-ECQU2A103 Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A103 PANASONIC-ECQU2A103 Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A103 PANASONIC-ECQU2A103 Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQU2A103 PANASONIC-ECQU2A103 Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQU2A103

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com