Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200650479 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1200650479
Description  MICRO-CHANGE COERDSET 3/4/5-POL FEMALE STR SE 22/5 YELLOW PVC CABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200650479 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1200650479 Datasheet HTML 1Page - Molex Electronics Ltd. 1200650479 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE COERDSET
3/4/5-POL FEMALE STR SE
22/5 YELLOW PVC CABLE
METRIC
2:1
IN/MM
SD-120065-026
----
RE
NSTAUDIG
DATE
DATE
DATE
----
2010/01/20
2010/01/25
---
01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1


Similar Part No. - 1200650479

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200650470 MOLEX-1200650470 Datasheet
34Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 22 AWG, PVC Cable, 1.0m (3.28) Length
02/01/2023
More results

Similar Description - 1200650479

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120065-028 MOLEX11-SD-120065-028 Datasheet
242Kb / 3P
   MICRO-CHANGE CORDSET 3/4/5-POL MA STR SE 22/3-5 YELLOW PVC CABLE
SD-120065-034 MOLEX11-SD-120065-034 Datasheet
310Kb / 2P
   MICRO-CHANGE CORDSET 3/4/5-POL FEMALE STR SE 22/3-5 TPE YELLOW CABLE
SD-120065-027 MOLEX11-SD-120065-027 Datasheet
121Kb / 2P
   MICRO-CHANGE CORDSET 3/4/5-POL FEMALE 90 SE 22/3-5 YELLOW PVC CABLE
SD-120065-035 MOLEX11-SD-120065-035 Datasheet
319Kb / 2P
   MICRO-CHANGE CORDSET 3/4/5-POL FE 90 SE 22/3-5 TPE YELLOW CABLE
SD-120065-037 MOLEX11-SD-120065-037 Datasheet
104Kb / 2P
   MICRO-CHANGE CORDSET 3/4/5-POL. MALE 90 SE 22/3-5 TPE YELLOW CABLE
SD-120065-036 MOLEX11-SD-120065-036 Datasheet
321Kb / 2P
   MICRO-CHANGE CORDSET 3/4/5-P MALE STR SE 22/3-5 TPE YELLOW CABLE
SD-120065-029 MOLEX11-SD-120065-029 Datasheet
242Kb / 3P
   MICRO-CHANGE CORDSET 3/4/5-P, M 90 SINGLE KEY 22/3-5 YELLOW PVC CABLE
SD-120065-030 MOLEX11-SD-120065-030 Datasheet
88Kb / 1P
   MICRO-CHANGE CORDSET 8-POL FEMALE STR SE 24/8 BLACK PUR/PVC CABLE
1200660431 MOLEX-1200660431 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 3.0m (9.84) Length
01/31/2023
1200660429 MOLEX-1200660429 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow PVC Cable, 2.0m (6.56) Length
02/08/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com