Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4020N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC4020N
Description  14-Stage Binary Counter 12-Stage Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4020N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC4020N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4020N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
Note 6: Typical Propagation delay time to any output can be calculated using: tP = 17 + 12(N–1) ns; where N is the number of the output, QW, at VCC = 5V.
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 7: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating Frequency
50
30
MHz
tPHL, tPLH
Maximum Propagation
(Note 6)
17
35
ns
Delay Clock to Q
tPHL
Maximum Propagation
16
40
ns
Delay Reset to any Q
tREM
Minimum Reset
10
20
ns
Removal Time
tW
Minimum Pulse Width
10
16
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
2.0V
10
6
5
4
MHz
Frequency
4.5V
40
30
24
20
6.0V
50
35
28
24
tPHL, tPLH
Maximum Propagation
2.0V
80
210
265
313
ns
Delay Clock to Q1
4.5V
21
42
53
63
6.0V
18
36
45
53
tPHL, tPLH
Maximum Propagation
2.0V
80
125
156
188
ns
Delay Between Stages
4.5V
18
25
31
38
from Qn to Qn+1
6.0V
15
21
26
31
tPHL
Maximum Propagation
2.0V
72
240
302
358
ns
Delay Reset to any Q
4.5V
24
48
60
72
(4020 and 4040)
6.0V
20
41
51
61
tREM
Minimum Reset
2.0V
100
126
149
ns
Removal Time
4.5V
20
25
50
6.0V
16
21
25
tW
Minimum Pulse Width
2.0V
90
100
120
ns
4.5V
16
20
24
6.0V
14
18
20
tTLH, tTHL
Maximum
2.0V
30
75
95
110
ns
Output Rise
4.5V
10
15
19
22
and Fall Time
6.0V
9
13
16
19
tr, tf
Maximum Input Rise and
1000
1000
1000
ns
Fall Time
500
500
500
400
400
400
CPD
Power Dissipation
(per package)
55
pF
Capacitance (Note 7)
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC4020N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC4016 NSC-MM74HC4016 Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016J NSC-MM74HC4016J Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4016N NSC-MM74HC4016N Datasheet
171Kb / 8P
   Quad Analog Switch
MM74HC4017 NSC-MM74HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
More results

Similar Description - MM74HC4020N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
logo
Toshiba Semiconductor
TC74HC4020AP TOSHIBA-TC74HC4020AP Datasheet
278Kb / 8P
   12/14-STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
   14 STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
   14-stage Binary Counter
logo
Fairchild Semiconductor
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
   14 Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com