Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC4040MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC4040MTC
Description  14-Stage Binary Counter 12-Stage Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC4040MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC4040MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 7Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 8Page - Fairchild Semiconductor MM74HC4040MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2003 Fairchild Semiconductor Corporation
DS005216
www.fairchildsemi.com
February 1984
Revised December 2003
MM74HC4020 • MM74HC4040
14-Stage Binary Counter • 12-Stage Binary Counter
General Description
The MM74HC4020, MM74HC4040, are high speed binary
ripple carry counters. These counters are implemented uti-
lizing advanced silicon-gate CMOS technology to achieve
speed performance similar to LS-TTL logic while retaining
the low power and high noise immunity of CMOS.
The MM74HC4020 is a 14 stage counter and the
MM74HC4040 is a 12-stage counter. Both devices are
incremented on the falling edge (negative transition) of the
input clock, and all their outputs are reset to a low level by
applying a logical high on their reset input.
These devices are pin equivalent to the CD4020 and
CD4040 respectively. All inputs are protected from damage
due to static discharge by protection diodes to VCC and
ground.
Features
s Typical propagation delay: 16 ns
s Wide operating voltage range: 2–6V
s Low input current: 1
µA maximum
s Low quiescent current: 80
µA maximum (74HC Series)
s Output drive capability: 10 LS-TTL loads
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
MM74HC4020
MM74HC4040
Order Number
Package Number
Package Description
MM74HC4020M
(Note 1)
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC4020SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4020N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HC4040M
(Note 1)
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC4040SJ
(Note 1)
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC4040MTC
(Note 1)
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC4040N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HC4040MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
MM74HC4046M FAIRCHILD-MM74HC4046M Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
MM74HC4046MTC FAIRCHILD-MM74HC4046MTC Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
MM74HC4046MTCX FAIRCHILD-MM74HC4046MTCX Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
MM74HC4046MX FAIRCHILD-MM74HC4046MX Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
More results

Similar Description - MM74HC4040MTC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020 Datasheet
265Kb / 13P
   HC4020 14 STAGE BINARY COUNTER HC4040 12 STAGE BINARY COUNTER
logo
Toshiba Semiconductor
TC74HC4020AP TOSHIBA-TC74HC4020AP Datasheet
278Kb / 8P
   12/14-STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
logo
Renesas Technology Corp
HD74HC4020 RENESAS-HD74HC4020 Datasheet
94Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020B PHILIPS-HEF4020B Datasheet
61Kb / 6P
   14-stage binary counter
January 1995
logo
STMicroelectronics
M74HC4020 STMICROELECTRONICS-M74HC4020 Datasheet
364Kb / 11P
   14 STAGE BINARY COUNTER
logo
Renesas Technology Corp
HD74HC4040 RENESAS-HD74HC4040 Datasheet
93Kb / 7P
   12-stage Binary Counter
logo
Hitachi Semiconductor
HD74HC4060 HITACHI-HD74HC4060 Datasheet
52Kb / 9P
   14-stage Binary Counter
logo
Fairchild Semiconductor
MM74HC4060 FAIRCHILD-MM74HC4060 Datasheet
84Kb / 8P
   14 Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com