Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF17N015A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF17N015A
Description  Recommended PWB piercing plan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF17N015A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF17N015A Datasheet HTML 1Page - Panasonic Semiconductor ELF17N015A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
16.50
±0.05
4–
f1.2
±0.1
1
4
2
3
Marking
16.5
±0.5
27.5
±1.0
10.0
±0.5
4-
f 0.8
±0.1
13.00
±0.05
4–
f1.2
±0.1
13.0
±0.5
10.0
±0.5
22.7
±0.5
4–
f0.8
±0.1
1
4
2
3
Marking
Series N, High N
Type 15N, 17N
Type 18N, 19N
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF15N002A
104 02
104.0
7.543
0.2
ELF17N002A
· 144 02
142.0
7.543
0.2
ELF15N003A
433 03
43.0
3.154
0.3
ELF17N003A
· 603 03
60.0
3.154
0.3
ELF15N004A
263 04
26.0
1.966
0.4
ELF17N004A
· 353 04
35.0
1.966
0.4
ELF15N005A
193 05
19.0
1.324
0.5
ELF17N005A
· 263 05
26.0
1.324
0.5
ELF15N006A
123 06
12.0
0.933
0.6
ELF17N006A
· 163 06
16.0
0.933
0.6
ELF15N007A
103 07
10.0
0.762
0.7
ELF17N007A
· 143 07
14.0
0.762
0.7
ELF15N008A
682 08
6.8
0.548
0.8
ELF17N008A
· 922 08
9.2
0.548
0.8
ELF15N010A
532 10
5.3
0.369
1.0
ELF17N010A
· 722 10
7.2
0.369
1.0
ELF15N011A
402 11
4.0
0.308
1.1
ELF17N011A
· 542 11
5.4
0.308
1.1
ELF15N013A
272 13
2.7
0.202
1.3
ELF17N013A
· 372 13
3.7
0.202
1.3
ELF15N015A
212 15
2.1
0.170
1.5
ELF17N015A
· 292 15
2.9
0.170
1.5
ELF15N017A
172 17
1.7
0.126
1.7
ELF17N017A
· 232 17
2.3
0.126
1.7
ELF15N022A
102 22
1.0
0.078
2.2
ELF17N022A
· 132 22
1.3
0.078
2.2
ELF15N030A
601 30
0.6
0.052
3.0
ELF17N030A
· 801 30
0.8
0.052
3.0
● Standard Parts (Series High N : 17N)
DC Resistance
Dimensions in mm (not to scale)
Recommended PWB piercing plan
Recommended PWB piercing plan
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18N004A
803 04
80.0
2.720
0.4
ELF19N004A
· 993 04
99.0
2.720
0.4
ELF18N005A
503 05
50.0
1.680
0.5
ELF19N005A
· 623 05
62.0
1.680
0.5
ELF18N006A
353 06
35.0
1.100
0.6
ELF19N006A
· 433 06
43.0
1.100
0.6
ELF18N008A
203 08
20.0
0.670
0.8
ELF19N008A
· 253 08
25.0
0.670
0.8
ELF18N010A
153 10
15.0
0.465
1.0
ELF19N010A
· 193 10
19.0
0.465
1.0
ELF18N012A
952 12
9.5
0.300
1.2
ELF19N012A
· 123 12
12.0
0.300
1.2
ELF18N016A
602 16
6.0
0.185
1.6
ELF19N016A
· 742 16
7.4
0.185
1.6
ELF18N020A
422 20
4.2
0.130
2.0
ELF19N020A
· 512 20
5.1
0.130
2.0
ELF18N025A
242 25
2.4
0.080
2.5
ELF19N025A
· 302 25
3.0
0.080
2.5
ELF18N032A
142 32
1.4
0.045
3.2
ELF19N032A
· 172 32
1.7
0.045
3.2
● Standard Parts (Series N : 18N)
● Standard Parts (Series High N : 19N)
DC Resistance
Dimensions in mm (not to scale)
● Standard Parts (Series N : 15N)
Feb. 2006


Similar Part No. - ELF17N015A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF17N015A PANASONIC-ELF17N015A Datasheet
71Kb / 2P
   Line Filters
ELF17N015A PANASONIC-ELF17N015A Datasheet
88Kb / 2P
   Line Filters
ELF17N015A PANASONIC-ELF17N015A Datasheet
71Kb / 2P
   Line Filters
More results

Similar Description - ELF17N015A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF-24V035A PANASONIC-ELF-24V035A Datasheet
84Kb / 3P
   Recommended PWB piercing plan
ELF-18D612 PANASONIC-ELF-18D612 Datasheet
192Kb / 2P
   Dimensions in mm not to scale Recommended PWB piercing plan
logo
Pomona Electronics
6405 POMONA-6405 Datasheet
63Kb / 2P
   Insulation Piercing Clips
logo
Amphenol LTW
VENT-PRINBK-08001 LTW-VENT-PRINBK-08001 Datasheet
210Kb / 1P
   VENT, RECTANGULAR, PIERCING TYPE
2023-01-06
logo
Lineage Power Corporati...
AN04-006 LINEAGEPOWER-AN04-006 Datasheet
476Kb / 4P
   PWB Layout Considerations
logo
Amphenol LTW
VENT-MS5NME-08001 LTW-VENT-MS5NME-08001 Datasheet
156Kb / 1P
   VENT, M40, METAL, PIERCING TYPE
2023-01-06
VENT-MS5NBK-08001 LTW-VENT-MS5NBK-08001 Datasheet
157Kb / 1P
   VENT, M40, METAL, PIERCING TYPE
2023-01-06
logo
KODENSHI_AUK CORP.
SG2C02 KODENSHI-SG2C02 Datasheet
152Kb / 3P
   PWB direct mount type
SG2C05 KODENSHI-SG2C05 Datasheet
163Kb / 3P
   PWB direct mount type
SG282 KODENSHI-SG282 Datasheet
155Kb / 2P
   PWB direct mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com