Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC541 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74HC541
Description  Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74HC541 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74HC541 Datasheet HTML 1Page - Fairchild Semiconductor 74HC541 Datasheet HTML 2Page - Fairchild Semiconductor 74HC541 Datasheet HTML 3Page - Fairchild Semiconductor 74HC541 Datasheet HTML 4Page - Fairchild Semiconductor 74HC541 Datasheet HTML 5Page - Fairchild Semiconductor 74HC541 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC +0.5V
Clamp Diode Current (ICD)
±20 mA
DC Output Current, per pin (IOUT)
±35 mA
DC VCC or GND Current,
per pin (ICC)
±70 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
(VIN, VOUT)0
VCC
V
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
V
6.0V
4.2
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
V
6.0V
1.8
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
V
4.5V
4.5
4.4
4.4
4.4
V
6.0V
6.0
5.9
5.9
5.9
V
VIN = VIH or VIL
|IOUT| ≤ 6.0 mA
4.5V
4.2
3.98
3.84
3.7
V
|IOUT| ≤ 7.8 mA
6.0V
5.7
5.48
5.34
5.2
V
VOL
Maximum LOW Level
VIN = VIH or VIL
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
V
6.0V
0
0.1
0.1
0.1
V
VIN = VIH or VIL
|IOUT| ≤ 6.0 mA
4.5V
0.2
0.26
0.33
0.4
V
|IOUT| ≤ 7.8 mA
6.0V
0.2
0.26
0.33
0.4
V
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
Current
IOZ
Maximum 3-STATE
VIN = VIH or VIL, G = VIH
6.0V
±0.5
±5
±10
µA
Output Leakage
VOUT = VCC or GND
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
160
µA
Supply Current
IOUT = 0 µA


Similar Part No. - 74HC541

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC541 ONSEMI-74HC541 Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC541 PHILIPS-74HC541 Datasheet
43Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
logo
Texas Instruments
74HC541 TI-74HC541 Datasheet
41Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Buffer and Line Drivers, Three-State
74HC541 TI-74HC541 Datasheet
460Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
74HC541 TOSHIBA-74HC541 Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
More results

Similar Description - 74HC541

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_07 Datasheet
283Kb / 11P
   MM74HCT540, Inverting Octal 3-STATE Buffer MM74HCT541, Octal 3-STATE Buffer
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com