Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3019-F-GT Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI3019-F-GT
Description  PCM highway data interface law A-law companding SPI control interface GCl interface
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3019-F-GT Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI3019-F-GT Datasheet HTML 5Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 6Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 7Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 8Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 9Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 10Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 11Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 12Page - Silicon Laboratories SI3019-F-GT Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
Si3050 + Si3018/19
Rev. 1.31
9
Dynamic Range (Caller ID mode)8
DRCID
VIN= 1kHz, –13dBFS
62
dB
Caller ID Full-Scale Level8
VCID
—1.5
VPEAK
Gain Accuracy6,9
2-W to DTX,
TXG2, RXG2, TXG3,
and RXG3 = 0000
–0.5
0
0.5
dB
Transhybrid Balance10
300–3.4 kHz, ZACIM = ZLINE
20
dB
Transhybrid Balance10
1kHz, ZACIM = ZLINE
—30
dB
Two-Wire Return Loss
300–3.4 kHz, all ac
terminations
25
dB
Two-Wire Return Loss
1 kHz, all ac terminations
32
dB
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
–0.5 to 3.6
V
Input Current, Si3050 Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VD + 0.3)
V
Ambient Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Note: Permanent device damage can occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods might affect device reliability.
Table 4. AC Characteristics (Continued)
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C for F/K-Grade, Fs = 8000 Hz, see "2. Typical Application Schematic" on page 17)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. Measured at TIP and RING with 600
termination at 1 kHz, as shown in Figure 1 on page 6.
2. With FULL = 1, the transmit and receive full-scale level of +3.2 dBm can be achieved with a 600
 ac termination. While
the transmit and receive level in dBm varies with reference impedance, the DAA will transmit and receive 1 dBV into all
reference impedances. With FULL2 = 1, the transmit and receive full-scale level of +6.0 dBm can be achieved with a
600
 termination. In this mode, the DAA will transmit and receive +1.5 dBV into all reference impedances.
3. Receive full-scale level produces –0.9 dBFS at DTX.
4. DR = 20 x log (RMS VFS/RMS Vin) + 20 x log (RMS Vin/RMS noise). The RMS noise measurement excludes harmonics.
Here, VFS is the 0 dBm full-scale level per Note 1 above.
5. Measurement is 300 to 3400 Hz. Applies to both transmit and receive paths.
6. Vin=1kHz, –3 dBFS.
7. THD = 20 x log (RMS distortion/RMS signal).
8. DRCID = 20 x log (RMS VCID/RMS VIN) + 20 x log (RMS VIN/RMS noise). VCID is the 1.5 V full-scale level with the
enhanced caller ID circuit. With the typical CID circuit, the VCID full-scale level is 6 V peak, and the DRCID decreases to
50 dB.
9. Refer to Tables 10–11 for relative gain accuracy characteristics (passband ripple).
10. Analog hybrid only. ZACIM controlled by ACIM in Register 30.


Similar Part No. - SI3019-F-GT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3019-F-GT SILABS-SI3019-F-GT Datasheet
905Kb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3019-F-GT SKYWORKS-SI3019-F-GT Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3019-F-GT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
[Old version datasheet]   PCM A-law codec
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
   SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
   LED Driver with Square-Law Dimming Control
logo
Exar Corporation
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
   Square-law compression amplifiers
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com