Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF25I3N Datasheet(PDF) 50 Page - Altera Corporation

Part # EP2AGX45DF25I3N
Description  1. Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I3N Datasheet(HTML) 50 Page - Altera Corporation

Back Button EP2AGX45DF25I3N Datasheet HTML 46Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 47Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 48Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 49Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 50Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 51Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 52Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 53Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 54Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
1–50
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
Sinusoidal jitter tolerance (peak-
to-peak)
Jitter Frequency = 38.2 KHz
Data rate = 6.375 Gbps
Pattern = PRBS31 BER = 10-12
> 0.5
UI
Jitter Frequency = 3.82 MHz
Data rate = 6.375 Gbps
Pattern = PRBS31 BER = 10-12
> 0.05
UI
Jitter Frequency = 20 MHz
Data rate = 6.375 Gbps
Pattern = PRBS31 BER = 10-12
> 0.05
UI
SDI Transmitter Jitter Generation (12)
Alignment jitter
(peak-to-peak)
Data rate = 1.485 Gbps (HD)
Pattern = color bar Low-frequency
roll-off = 100 KHz
0.2
0.2
UI
Data rate = 2.97 Gbps (3G) Pattern
= color bar Low-frequency roll-off
= 100 KHz
0.3
0.3
UI
SDI Receiver Jitter Tolerance (12)
Sinusoidal jitter tolerance (peak-
to-peak)
Jitter frequency = 15 KHz
Data rate = 2.97 Gbps (3G) Pattern
= single line scramble color bar
> 2
> 2
UI
Jitter frequency = 100 KHz
Data rate = 2.97 Gbps (3G) Pattern
= single line scramble color bar
> 0.3
> 0.3
UI
Jitter frequency = 148.5 MHz
Data rate = 2.97 Gbps (3G) Pattern
= single line scramble color bar
> 0.3
> 0.3
UI
Sinusoidal jitter tolerance (peak-
to-peak)
Jitter frequency = 20 KHz
Data rate = 1.485 Gbps (HD)
pattern = 75% color bar
> 1
> 1
UI
Jitter frequency = 100 KHz
Data rate = 1.485 Gbps (HD)
Pattern = 75% color bar
> 0.2
> 0.2
UI
Jitter frequency = 148.5 MHz
Data rate = 1.485 Gbps (HD)
Pattern = 75% color bar
> 0.2
> 0.2
UI
SAS Transmit Jitter Generation (13)
Total jitter at 1.5 Gbps (G1)
Pattern = CJPAT
0.55
0.55
UI
Deterministic jitter at 1.5 Gbps
(G1)
Pattern = CJPAT
0.35
0.35
UI
Total jitter at 3.0 Gbps (G2)
Pattern = CJPAT
0.55
0.55
UI
Table 1–41. Transceiver Block Jitter Specifications for Arria II GZ Devices (Note 1), (2) (Part 5 of 7)
Symbol/
Description
Conditions
–C3 and –I3
–C4 and –I4
Unit
Min
Typ
Max
Min
Typ
Max


Similar Part No. - EP2AGX45DF25I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results

Similar Description - EP2AGX45DF25I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP3C16E144C8N ALTERA-EP3C16E144C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com