Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX45DF25I3N Datasheet(PDF) 58 Page - Altera Corporation

Part # EP2AGX45DF25I3N
Description  1. Device Datasheet for Arria II Devices
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I3N Datasheet(HTML) 58 Page - Altera Corporation

Back Button EP2AGX45DF25I3N Datasheet HTML 54Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 55Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 56Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 57Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 58Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 59Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 60Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 61Page - Altera Corporation EP2AGX45DF25I3N Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
1–58
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
Embedded Memory Block Specifications
Table 1–48 lists the embedded memory block specifications for Arria II GX devices.
Double mode
1
440
380
MHz
Notes to Table 1–47:
(1) Maximum is for fully pipelined block with Round and Saturation disabled.
(2) Maximum for loopback input registers disabled, Round and Saturation disabled, and pipeline and output registers enabled.
Table 1–47. DSP Block Performance Specifications for Arria II GZ Devices (Note 1) (Part 2 of 2)
Mode
Resources
Used
Performance
Unit
Number of
Multipliers
–3
–4
Table 1–48. Embedded Memory Block Performance Specifications for Arria II GX Devices
Memory
Mode
Resources Used
Performance
Unit
ALUTs
Embedded
Memory
I3
C4
C5,I5
C6
Memory
Logic
Array
Block
(MLAB)
Single port 64 × 10
0
1
450
500
450
378
MHz
Simple dual-port 32 × 20 single
clock
0
1
270
500
450
378
MHz
Simple dual-port 64 × 10 single
clock
0
1
428
500
450
378
MHz
M9K
Block
Single-port 256 × 36
0
1
360
400
360
310
MHz
Single-port 256 × 36, with the
read-during-write option set to
Old Data
0
1
250
280
250
210
MHz
Simple dual-port 256 × 36 single
CLK
0
1
360
400
360
310
MHz
Single-port 256 × 36 single CLK,
with the read-during-write option
set to Old Data
0
1
250
280
250
210
MHz
True dual port 512 × 18 single CLK
0
1
360
400
360
310
MHz
True dual-port 512 × 18 single CLK,
with the read-during-write option
set to Old Data
0
1
250
280
250
210
MHz
Min Pulse Width (clock high time)
900
850
950
1130
ps
Min Pulse Width (clock low time)
730
690
770
920
ps


Similar Part No. - EP2AGX45DF25I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
More results

Similar Description - EP2AGX45DF25I3N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP3C16E144C8N ALTERA-EP3C16E144C8N Datasheet
849Kb / 34P
   1. Cyclone III Device Datasheet
EP4CE15E22C8N ALTERA-EP4CE15E22C8N Datasheet
698Kb / 42P
   1. Cyclone IV Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com