Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I5N Datasheet(PDF) 84 Page - Altera Corporation

Part # EP1SGX40DF1020I5N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I5N Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP1SGX40DF1020I5N Datasheet HTML 80Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 81Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 82Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 83Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 84Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 85Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 86Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 87Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 272 page
background image
4–18
Altera Corporation
Stratix GX Device Handbook, Volume 1
February 2005
TriMatrix Memory
TriMatrix
Memory
TriMatrix memory consists of three types of RAM blocks: M512, M4K,
and M-RAM blocks. Although these memory blocks are different, they
can all implement various types of memory with or without parity,
including true dual-port, simple dual-port, and single-port RAM, ROM,
and FIFO buffers. Table 4–2 shows the size and features of the different
RAM blocks.
Table 4–2. TriMatrix Memory Features (Part 1 of 2)
Memory Feature
M512 RAM Block
(32 × 18 Bits)
M4K RAM Block
(128 ×36Bits)
M-RAM Block
(4K × 144 Bits)
Maximum
performance
(1)
(1)
(1)
True dual-port
memory
vv
Simple dual-port
memory
vv
v
Single-port memory
vv
v
Shift register
vv
ROM
vv
(2)
FIFO buffer
vv
v
Byte enable
vv
Parity bits
vv
v
Mixed clock mode
vv
v
Memory initialization
vv
Simple dual-port
memory mixed width
support
vv
v
True dual-port
memory mixed width
support
vv
Power-up conditions
Outputs cleared
Outputs cleared
Outputs
unknown
Register clears
Input and output
registers
Input and output
registers
Output registers
Mixed-port read-
during-write
Unknown
output/old data
Unknown
output/old data
Unknown output


Similar Part No. - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com