Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I5N Datasheet(PDF) 90 Page - Altera Corporation

Part # EP1SGX40DF1020I5N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I5N Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP1SGX40DF1020I5N Datasheet HTML 86Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 87Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 88Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 89Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 90Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 91Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 92Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 93Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 272 page
background image
4–24
Altera Corporation
Stratix GX Device Handbook, Volume 1
February 2005
TriMatrix Memory
When the M512 RAM block is configured as a shift register block, a shift
register of size up to 576 bits is possible.
The M512 RAM block can also be configured to support serializer and
deserializer applications. By using the mixed-width support in
combination with DDR I/O standards, the block can function as a
SERDES to support low-speed serial I/O standards using global or
regional clocks. See “I/O Structure” on page 4–96 for details on dedicated
SERDES in Stratix GX devices.
M512 RAM blocks can have different clocks on its inputs and outputs.
The wren, datain, and write address registers are all clocked together
from one of the two clocks feeding the block. The read address, rden, and
output registers can be clocked by either of the two clocks driving the
block. This allows the RAM block to operate in read/write or
input/output clock modes. Only the output register can be bypassed. The
eight labclk signals or local interconnect can drive the inclock,
outclock
, wren, rden, inclr, and outclr signals. Because of the
advanced interconnect between the LAB and M512 RAM blocks, LEs can
also control the wren and rden signals and the RAM clock, clock enable,
and asynchronous clear signals. Figure 4–14 shows the M512 RAM block
control signal generation logic.
The RAM blocks within Stratix GX devices have local interconnects to
allow LEs and interconnects to drive into RAM blocks. The M512 RAM
block local interconnect is driven by the R4, R8, C4, C8, and direct link
interconnects from adjacent LABs. The M512 RAM blocks can
communicate with LABs on either the left or right side through these row
interconnects or with LAB columns on the left or right side with the
column interconnects. Up to 10 direct link input connections to the M512
RAM block are possible from the left adjacent LABs and another
10 possible from the right adjacent LAB. M512 RAM outputs can also
connect to left and right LABs through 10 direct link interconnects. The
M512 RAM block has equal opportunity for access and performance to
and from LABs on either its left or right side. Figure 4–15 shows the M512
RAM block to logic array interface.


Similar Part No. - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com