Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I5N Datasheet(PDF) 37 Page - Altera Corporation

Part # EP1SGX40DF1020I5N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I5N Datasheet(HTML) 37 Page - Altera Corporation

Back Button EP1SGX40DF1020I5N Datasheet HTML 33Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 34Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 35Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 36Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 37Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 38Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 39Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 40Page - Altera Corporation EP1SGX40DF1020I5N Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 272 page
background image
Altera Corporation
2–27
June 2006
Stratix GX Device Handbook, Volume 1
Stratix GX Transceivers
Parallel Loopback
The parallel loopback mode exercises the digital logic portion of the
transceiver data path. The analog portions are not use in the loopback
path. The received data is not retimed. Figure 2–22 shows the data path in
parallel loopback mode. This option is not dynamically switchable.
Reception of an external signal is not possible in this mode.
Figure 2–22. Data Path in Parallel Loopback Mode
Reverse Serial Loopback
The reverse serial loopback exercises the analog portion of the
transceiver. This loopback mode is dynamically switchable through the
tx_srlpbk
port on a channel by channel basis. Asserting
rxanalogreset
in reverse serial loopback mode powers down the
receiver buffer and CRU, preventing data loopback. Figure 2–23 shows
the data path in reverse serial loopback mode.
Clock
Recovery
Unit
Word
Aligner
BIST PRBS
Verifier
BIST
Incremental
Verifier
Channel
Aligner
Rate
Matcher
BIST
Generator
Byte
Deserializer
Phase
Compensation
FIFO
Phase
Compensation
FIFO
Byte
Serializer
Serializer
BIST PRBS
Generator
8B/10B
Encoder
8B/10B
Decoder
Deserializer
Non-Active Path
Active Path


Similar Part No. - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com