Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40FF1020I6N Datasheet(PDF) 77 Page - Altera Corporation

Part # EP1SGX40FF1020I6N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40FF1020I6N Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP1SGX40FF1020I6N Datasheet HTML 73Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 74Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 75Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 76Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 77Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 78Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 79Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 80Page - Altera Corporation EP1SGX40FF1020I6N Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 272 page
background image
Altera Corporation
4–11
February 2005
Stratix GX Device Handbook, Volume 1
Stratix GX Architecture
MultiTrack
Interconnect
In the Stratix GX architecture, connections between LEs, TriMatrix
memory, DSP blocks, and device I/O pins are provided by the
MultiTrack interconnect structure with DirectDriveTM technology. The
MultiTrack interconnect consists of continuous, performance-optimized
routing lines of different lengths and speeds used for inter- and intra-
design block connectivity. The Quartus II Compiler automatically places
critical design paths on faster interconnects to improve design
performance.
DirectDrive technology is a deterministic routing technology that ensures
identical routing resource usage for any function regardless of placement
within the device. The MultiTrack interconnect and DirectDrive
technology simplify the integration stage of block-based designing by
eliminating the re-optimization cycles that typically follow design
changes and additions.
The MultiTrack interconnect consists of row and column interconnects
that span fixed distances. A routing structure with fixed length resources
for all devices allows predictable and repeatable performance when
migrating through different device densities. Dedicated row
interconnects route signals to and from LABs, DSP blocks, and TriMatrix
memory within the same row. These row resources include:
Direct link interconnects between LABs and adjacent blocks.
R4 interconnects traversing four blocks to the right or left.
R8 interconnects traversing eight blocks to the right or left.
R24 row interconnects for high-speed access across the length of the
device.
The direct link interconnect allows an LAB, DSP block, or TriMatrix
memory block to drive into the local interconnect of its left and right
neighbors and then back into itself. Only one side of a M-RAM block
interfaces with direct link and row interconnects. This provides fast
communication between adjacent LABs and/or blocks without using
row interconnect resources.
The R4 interconnects span four LABs, three LABs and one M512 RAM
block, two LABs and one M4K RAM block, or two LABs and one DSP
block to the right or left of a source LAB. These resources are used for fast
row connections in a four-LAB region. Every LAB has its own set of R4
interconnects to drive either left or right. Figure 4–8 shows R4
interconnect connections from an LAB. R4 interconnects can drive and be
driven by DSP blocks and RAM blocks and horizontal IOEs. For LAB
interfacing, a primary LAB or LAB neighbor can drive a given R4
interconnect. For R4 interconnects that drive to the right, the primary
LAB and right neighbor can drive on to the interconnect. For R4
interconnects that drive to the left, the primary LAB and its left neighbor


Similar Part No. - EP1SGX40FF1020I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40FF1020I6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com