Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40CF1020I7N Datasheet(PDF) 34 Page - Altera Corporation

Part # EP1SGX40CF1020I7N
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40CF1020I7N Datasheet(HTML) 34 Page - Altera Corporation

Back Button EP1SGX40CF1020I7N Datasheet HTML 30Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 31Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 32Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 33Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 34Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 35Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 36Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 37Page - Altera Corporation EP1SGX40CF1020I7N Datasheet HTML 38Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 272 page
background image
2–24
Altera Corporation
Stratix GX Device Handbook, Volume 1
June 2006
XAUI Mode
In XAUI mode, the rate matcher adheres to clause 48 of the IEEE 802.3ae
specification for clock rate compensation. The rate matcher performs
clock compensation on columns of /R/ (/K28.0/), denoted by //R//.
An //R// is added or deleted automatically based on the number of
words in the FIFO buffer.
8B/10B Decoder
The 8B/10B decoder converts the 10-bit encoded code group into 8-bit
data and 1 control bit. The 8B/10B decoder can be bypassed. The
following is a diagram of the conversion from a 10-bit encoded code
group into 8-bit data + 1-bit control.
Figure 2–20. 8B/10B Decoder Conversion
There are two optional error status ports available in the 8B/10B decoder,
rx_errdetect
and rx_disperr. Table 2–7 shows the values of the
ports from a given error. These status signals are aligned with the code
group in which the error occurred.
Table 2–7. Error Signal Values
Types of Errors
rx_errdetect
rx_disperr
No errors
1’b0
1’b0
Invalid code groups
1’b1
1’b0
Disparity errors
1’b1
1’b1
98
76
5
4
3
2
1
0
8b-10b conversion
jh
g
f
i
e
d
c
b
a
MSB received last
LSB received first
76
5
4
3
2
1
0
HG
F
E
D
C
B
A
+
ctrl
Parallel data


Similar Part No. - EP1SGX40CF1020I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40CF1020I7N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com