Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3209 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3209
Description  Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3209 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3209 Datasheet HTML 6Page - Silicon Laboratories SI3209 Datasheet HTML 7Page - Silicon Laboratories SI3209 Datasheet HTML 8Page - Silicon Laboratories SI3209 Datasheet HTML 9Page - Silicon Laboratories SI3209 Datasheet HTML 10Page - Silicon Laboratories SI3209 Datasheet HTML 11Page - Silicon Laboratories SI3209 Datasheet HTML 12Page - Silicon Laboratories SI3209 Datasheet HTML 13Page - Silicon Laboratories SI3209 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Si3226/7
Si3208/9
10
Preliminary Rev. 0.33
Table 8. DC Characteristics
(VDD = 3.13 to 3.47 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
0.7 x VDD
—5.25
V
Low Level Input Voltage
VIL
0.3 x VDD
V
High Level Output
Voltage
VOH
IO =4mA
VDD –0.6
V
Low Level Output
Voltage
VOL
DTX, SDO, INT,
SDITHRU:
IO =–4mA
——
0.4
V
GPIO1 a/b, GPIO2 a/b:
IO =–40 mA
0.72
SDITHRU internal pullup
resistance
35
50
k
Ω
Relay Driver Source
Impedance
ROUT
VDD1–VDD4 =3.13V
IO < 28 mA
—63
Ω
Relay Driver Sink
Impedance
RIN
VDD1–VDD4 =3.13V
IO < 85 mA
—11
Ω
Input Leakage Current
IL
——
10
µA
Table 9. Switching Characteristics—General Inputs1
(VDD = 3.13 to 5.25 V, TA = 0 to 70 °C for F-Grade, –40 to 85 °C for G-Grade, CL =20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Rise Time, RESET
tr
——
5
ns
RESET Pulse Width, GCI Mode2,3
trl
33/PCLK
µs
RESET Pulse Width, SPI Daisy Chain Mode3
trl
33/PCLK
µs
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH =VDD – 0.4 V, VIL = 0.4 V. Rise and Fall times are referenced to the 20% and 80% levels of the waveform.
2. The minimum RESET pulse width assumes the SDITHRU pin is tied to ground via a pulldown resistor no greater than
10 k
Ω per device.
3. The minimum RESET pulse width is 33/PCLK frequency (i.e. 33/8.192 MHz = 4 µs).


Similar Part No. - SI3209

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3209 SILABS-SI3209 Datasheet
208Kb / 2P
   Dual ProSLIC짰 with DC-DC Controller
More results

Similar Description - SI3209

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L9216A AGERE-L9216A Datasheet
1Mb / 48P
   Short-Loop Ringing SLIC with Ground Start
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
   Polarity Reversal Relay Module
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
MERITEK ELECTRONICS COR...
NP MERITEK-NP Datasheet
947Kb / 6P
   Standard non polarity series for using in polarity reversal circuits
logo
Source Photonics, Inc.
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
   Sleep Mode for Power Consumption
logo
List of Unclassifed Man...
C20C20 ETC2-C20C20 Datasheet
564Kb / 2P
   Seams continuously welded and ground smooth; no holes or knockouts
logo
PANDUIT CORP.
HLT2I-X0 PANDUIT-HLT2I-X0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256_13 Datasheet
696Kb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006-2013
logo
IXYS Corporation
AN-112 IXYS-AN-112 Datasheet
117Kb / 3P
   Ground-Start Supervision Circuit
logo
Microchip Technology
MCP1256 MICROCHIP-MCP1256 Datasheet
1Mb / 24P
   Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com