Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4020 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4020
Description  Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4020 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4020 Datasheet HTML 5Page - Silicon Laboratories SI4020 Datasheet HTML 6Page - Silicon Laboratories SI4020 Datasheet HTML 7Page - Silicon Laboratories SI4020 Datasheet HTML 8Page - Silicon Laboratories SI4020 Datasheet HTML 9Page - Silicon Laboratories SI4020 Datasheet HTML 10Page - Silicon Laboratories SI4020 Datasheet HTML 11Page - Silicon Laboratories SI4020 Datasheet HTML 12Page - Silicon Laboratories SI4020 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Si4020
9
Note 1: Using a CR2032 battery (225 mAh capacity), the expected battery life is greater than 2 years using a 60-second wake-up period
for sending 100 byte packets in length at 19.2 kbps with +3 dBm output power in the 915 MHz band.
Note 2: Using anything but a 10 MHz crystal is allowed but not recommended because all crystal-referred timing and frequency
parameters will change accordingly.
Note 3: Adjustable in 8 steps.
Note 4: Optimal antenna admittance/impedance for the Si4020:
Yantenna [S]
Zantenna [Ohm]
Lantenna [nH]
315 MHz
9.4E-4 - j4.5E-3
43 + j214
112.00
434 MHz
8.4E-4 - j6.25E-3
21 + j157
59.00
868 MHz
1.15E-3 - j1.2E-2
7.9 + j83
15.30
915 MHz
1.2E-3 - j1.25E-2
7.6 + j79
13.90
Note 5: With selective resonant antennas (see: Application Notes available from http://www.silabs.com/integration).
Note 6: During this period, no commands are accepted by the chip. For detailed information see the Reset modes section.
Note 7: The crystal oscillator start-up time strongly depends on the capacitance seen by the oscillator. Using low capacitance and low ESR
crystal is recommended. When designing the PCB layout keep the trace connecting to the crystal short to minimize stray
capacitance.


Similar Part No. - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
   Programmable output power level
More results

Similar Description - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
   No alignment required in production
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
   No alignment required in production
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
   No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
   No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
   No frequency adjustment is required in production process
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com