Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4431 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI4431
Description  Silicon Laboratonies SI4432/31/30 highly-integrated, single chip wireless ISM transceiver is part of the EZRadioPRO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4431 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI4431 Datasheet HTML 1Page - Silicon Laboratories SI4431 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EZRadioPRO
Copyright © 2009 by Silicon Laboratories
2.20.09
LPF
CP
Delta Sigma
Modulator
N
LNA
Mixers
PGA
AGC Control
PA
VCO
SPI, & Controller
Digital Logic
PFD
TX
RFn
PWR_CTRL
PA_RAMP
TXMOD
Digital Modem
Digital LDO
RC 32K OSC
30M XTAL
OSC
RF LDO
IF LDO
VCO LDO
PLL LDO
BIAS
TXRXSW
ANTDIV
Low Power
Digital LDO
POR
Temp
Sensor
SDO
SDI
SCLK
VDD_DIG
VR_IF
LBD
VDD_RF
8Bit
ADC
RFp
ADC
Si4432/31/30
ISM Transceiver
Description
Silicon Laboratories’ Si4432/31/30 highly-integrated, single chip
wireless ISM transceiver is part of the EZRadioPRO™ family. The
EZRadioPRO family includes a complete line of transmitters,
receivers, and transceivers allowing the RF system designer to
choose the optimal wireless part for their application.
The
Si4432/31
offers
advanced
radio
features,
including
continuous
frequency
coverage
from
240–930 MHz
and
adjustable output power of up to +20 dBm with the Si4432. The
Si4430 offers frequency coverage from 900 to 960 MHz to support
the Japanese frequency bands. The Si4432/31/30’s high level of
integration offers reduced BOM cost while simplifying overall
system design. The extremely low receive sensitivity (–118 dBm)
coupled with the Si4432’s industry-leading +20 dBm output power
ensures extended range and improved link performance. Built-in
antenna diversity and support for frequency hopping can be used
to further extend range and enhance performance. Antenna
diversity is completely integrated into the Si443x and can improve
the system link budget by 8–10 dB, resulting in substantial range
increases under adverse environmental conditions.
Additional system features, such as an automatic wake-up timer,
low battery detector, 64 byte TX/RX FIFOs, automatic packet
handling,
and
preamble
detection,
reduce
overall
current
consumption and allow the use of lower-cost system MCUs. An
integrated temperature sensor, general-purpose ADC, power-on-
reset (POR), and GPIOs further reduce overall system cost and
size.
The Si4432/31/30 receiver uses a single-conversion architecture
to convert the 2-level FSK/GFSK/OOK modulated receive signal to
a low IF frequency. Following a programmable gain amplifier
(PGA) the signal is converted to the digital domain by a high-
performance delta-sigma ADC allowing filtering, demodulation,
slicing, error correction, and packet handling to be performed in
the built-in DSP, increasing the receiver’s performance and
flexibility versus analog based architectures.
The PA is single-ended to allow for easy antenna matching and
low BOM cost. The digital transmit modulation and automatic PA
power ramping ensure precise transmit modulation and reduced
spectral splatter, ensuring compliance with FCC and
ETSI
regulations. The Si4430 is designed to ensure compliance with
ARIB regulations. The Si4432/31/30 is designed to work with an
MCU, crystal, and a few passives to create a very low-cost
system. Voltage regulators are integrated on-chip, which allows for
a wide range of operating supply voltage conditions from +1.8 to
+3.6 V.
Features
- Frequency Range = 240–930 MHz (Si4432/31)
900–960 MHz (Si4430)
- Sensitivity = –118 dBm
- FSK, GFSK, and OOK modulation
- Max Output Power = +20 dBm (Si4432)
+13 dBm (Si4431/30)
- Low Power Consumption
- 18.5 mA receive
- 27 mA @ +11 dBm transmit
- Data Rate = 1 to 128 kbps
- Power Supply = 1.8 to 3.6 V
- Ultra low power shutdown mode
- Wake-up timer
- Auto-frequency calibration (AFC)
- Antenna diversity and TR switch control
- Programmable packet handler
- TX and RX 64 byte FIFOs
- Low battery detector
- Temperature sensor and 8-bit ADC
- Frequency hopping capability
- On-chip crystal tuning
- 20-Pin QFN package
- Low BOM
Applications
- Remote control
- Home security and alarm
- Telemetry
- Toy control
- Remote meter reading
- Remote keyless entry
- Home automation
- Industrial control
- Sensor networks
- Health monitors
- Tag readers


Similar Part No. - SI4431

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI4431 FAIRCHILD-SI4431 Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
List of Unclassifed Man...
SI4431 ETC2-SI4431 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4431 ETC2-SI4431 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4431-B1 SILABS-SI4431-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
SI4431-B1-FM SILABS-SI4431-B1-FM Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
More results

Similar Description - SI4431

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TRC101 RFM-TRC101 Datasheet
505Kb / 33P
   highly integrated single chip
logo
Silicon Laboratories
SI4430-B1 SILABS-SI4430-B1 Datasheet
804Kb / 74P
   Si4430/31/32 ISM TRANSCEIVER
logo
NXP Semiconductors
OL2381 NXP-OL2381 Datasheet
1Mb / 152P
   Highly integrated single-chip sub 1 GHz RF transceiver
Rev. 1-30 November 2011
logo
STMicroelectronics
UM1063 STMICROELECTRONICS-UM1063 Datasheet
1Mb / 32P
   The PM8803 is a highly integrated device embedding
UM1062 STMICROELECTRONICS-UM1062 Datasheet
1Mb / 31P
   The PM8803 is a highly integrated device embedding
logo
Etron Technology, Inc.
EL7300 ETRON-EL7300 Datasheet
889Kb / 5P
   highly integrated single chip solution for the Flat Panel Display applications
logo
World Produts Inc.
WPANTDP078-R1A WPI-WPANTDP078-R1A Datasheet
243Kb / 2P
   Picture of the Part
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
   2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
   2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
   2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com