Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I7ES Datasheet(PDF) 54 Page - Altera Corporation

Part # EP1SGX40DF1020I7ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I7ES Datasheet(HTML) 54 Page - Altera Corporation

Back Button EP1SGX40DF1020I7ES Datasheet HTML 50Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 51Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 52Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 53Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 54Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 55Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 56Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 57Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 58Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 272 page
background image
3–4
Altera Corporation
Stratix GX Device Handbook, Volume 1
August 2005
Introduction
The logic array sends parallel data to the SERDES transmitter circuit
when the TXLOADEN signal is asserted. This signal is generated by the
high-speed counter circuitry of the logic array low-frequency clock’s
rising edge. The data is then transferred from the parallel register into the
serial shift register by the TXLOADEN signal on the third rising edge of the
high-frequency clock.
Figure 3–3 shows the block diagram of a single SERDES transmitter
channel and Figure 3–4 shows the timing relationship between the data
and clocks in Stratix GX devices in
×10 mode. W is the low-frequency
multiplier and J is the data parallelization division factor.
Figure 3–3. Stratix GX High-Speed Interface Serialized in
×10 Mode
Figure 3–4. Transmitter Timing Diagram
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Stratix GX
Logic Array
Transmitter Circuit
Parallel
Register
Serial
Register
Fast
PLL
TXOUT+
TXOUT
×W
TXLOADEN
TXLOADEN
Internal
×1 clock
Internal
×10 clock
Receiver
data input
n – 1
n – 0
9
8
7
6
5
4
3
2
1
0


Similar Part No. - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com