Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40DF1020I7ES Datasheet(PDF) 60 Page - Altera Corporation

Part # EP1SGX40DF1020I7ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40DF1020I7ES Datasheet(HTML) 60 Page - Altera Corporation

Back Button EP1SGX40DF1020I7ES Datasheet HTML 56Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 57Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 58Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 59Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 60Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 61Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 62Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 63Page - Altera Corporation EP1SGX40DF1020I7ES Datasheet HTML 64Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 272 page
background image
3–10
Altera Corporation
Stratix GX Device Handbook, Volume 1
August 2005
Introduction
DPA Operation
The DPA receiver circuitry contains the dynamic phase selector, the
deserializer, the synchronizer, and the data realigner (see Figure 3–8).
This section describes the DPA operation, synchronization and data
realignment. In the SERDES with DPA mode, the source clock is fed to the
fast PLL through the dedicated clock input pins. This clock is multiplied
by the multiplication value W to match the serial data rate.
For information on the deserializer, see “Principles of SERDES
Operation” on page 3–1.
Figure 3–8. DPA Receiver Circuit
Note to Figure 3–8:
(1)
These are phase-matched and retimed high-speed clocks and data.
The dynamic phase selector matches the phase of the high-speed clock
and data before sending them to the deserializer.
The fast PLL supplies eight phases of the same clock (each a separate tap
from a four-stage differential VCO) to all the differential channels
associated with the selected fast PLL. The DPA circuitry inside each
channel locks to a phase closest to the serial data’s phase and sends the
retimed data and the selected clock to the deserializer. The DPA circuitry
automatically performs this operation and is not something you select.
Each channel’s DPA circuit can independently choose a different clock
phase. The data phase detection and the clock phase selection process is
automatic and continuous. The eight phases of the clock give the DPA
circuit a granularity of one eighth of the unit interval (UI) or 125 ps at
1Gbps. Figure 3–9 illustrates the clocks generated by the fast PLL
circuitry and their relationship to a data stream.
rxin+
rxin-
inclk+
inclk -
Fast PLL
Dynamic
Phase
Selector
Deserializer
Parallel
Clock
Synchronizer
Data
Realigner
×W Clock (1)
×1 Clock
Serial Data (1)
Stratix GX Logic Array
DPA Receiver Circuit
GCLK
RCLK
Reset
8
10
10
dpll_reset


Similar Part No. - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40D ALTERA-EP1SGX40D Datasheet
1Mb / 262P
   StratixGX FPGA Family
More results

Similar Description - EP1SGX40DF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com