Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40FF1020I7ES Datasheet(PDF) 48 Page - Altera Corporation

Part # EP1SGX40FF1020I7ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40FF1020I7ES Datasheet(HTML) 48 Page - Altera Corporation

Back Button EP1SGX40FF1020I7ES Datasheet HTML 44Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 45Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 46Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 47Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 48Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 49Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 50Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 51Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 272 page
background image
2–38
Altera Corporation
Stratix GX Device Handbook, Volume 1
June 2006
Other Transceiver Features
Power-down functions are static, in other words., they are implemented
upon device configuration and programmed, through the Quartus II
software, to static values. Resets can be static as well as dynamic inputs
coming from the logic array or pins.
Voltage Reference Capabilities
Stratix GX transceivers provide voltage reference and bias circuitry. To
set-up internal bias for controlling the transmitter output drivers’ voltage
swing—as well as to provide voltage/current biasing for other analog
circuitry—use the internal bandgap voltage reference at 0.7 V. To provide
bias for internal pull-up PMOS resistors for I/O termination at the serial
interface of receiver and transmitter channels (independent of power
supply drift, process changes, or temperature variation) an external
resistor, which is connected to the external low voltage power supply, is
Table 2–11. Reset Signal Map to Stratix GX Blocks
Reset Signal
rxdigitalreset
vv vvv
v v
rxanalogreset
vv
v
txdigitalreset
vv
v
v
pll_areset
vv vvvv vvvvv vvvvv vv
pllenable
vv vvvv vvvvv vvvvv vv


Similar Part No. - EP1SGX40FF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40FF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com