Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1SGX40FF1020I7ES Datasheet(PDF) 38 Page - Altera Corporation

Part # EP1SGX40FF1020I7ES
Description  Section I. Stratix GX Device Family Data Sheet
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1SGX40FF1020I7ES Datasheet(HTML) 38 Page - Altera Corporation

Back Button EP1SGX40FF1020I7ES Datasheet HTML 34Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 35Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 36Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 37Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 38Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 39Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 40Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 41Page - Altera Corporation EP1SGX40FF1020I7ES Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 272 page
background image
2–28
Altera Corporation
Stratix GX Device Handbook, Volume 1
June 2006
Figure 2–23. Data Path in Reverse Serial Loopback Mode
BIST (Built-In Self Test)
The Stratix GX transceiver has built-in self test modes to aid in debug and
testing. The BIST modes are set in the Stratix GX MegaWizard Plug-In
Manager in the Quartus II software. Only one BIST mode can be set for
any single instance of the transceiver block. The BIST mode applies to all
channels used in a transceiver.
The following is a list of the available BIST modes:
PRBS generator and verifier
Incremental mode generator and verifier
High-frequency generator
Low-frequency generator
Mixed-frequency generator
Figures 2–24 and 2–25 are diagrams of the BIST PRBS data path and the
BIST incremental data path, respectively.
Non-Active Path
Active Path
Clock
Recovery
Unit
Deserializer
BIST PRBS
Verifier
BIST
Incremental
Verifier
BIST
Generator
Byte
Deserializer
Phase
Compensation
FIFO
Byte
Serializer
BIST PRBS
Generator
8B/10B
Encoder
Serializer
Phase
Compensation
FIFO
8B/10B
Decoder
Rate
Matcher
Channel
Aligner
Word
Aligner


Similar Part No. - EP1SGX40FF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX40 ALTERA-EP1SGX40 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1SGX40 ALTERA-EP1SGX40 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP1SGX40 ALTERA-EP1SGX40 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
More results

Similar Description - EP1SGX40FF1020I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S30F484C4N ALTERA-EP2S30F484C4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP1AGX ALTERA-EP1AGX Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com