Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-796J-500E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-796J-500E
Description  Optically Isolated Sigma-Delta Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-796J-500E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-796J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Typical Performance Plots
Unless otherwise noted, TA = 25°C, VDD1 = 5 V, VDD2 = 5 V, VIN+ = –200 mV to +200 mV, and VIN– = 0 V, fMCLKIN = 10 MHz,
with Sinc3 filter, 256 decimation ratio.
-50
-40
-30
-20
-10
0
10
20
30
40
50
-400 -320 -240 -160 -80
0
80
160
240
320
400
VIN+ (mV)
60
62
64
66
68
70
72
74
76
78
80
50
75
100 125 150 175 200 225 250 275 300
VIN+ (mV)
70
71
72
73
74
75
76
77
78
79
80
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
6
8
10
12
14
16
18
20
-320
-240
-160
-80
0
80
160
240
320
VIN+ (mV)
6
8
10
12
14
16
18
20
-320
-240
-160
-80
0
80
160
240
320
VIN+ (mV)
MCLKIN = 20 MHz
MCLKIN = 10 MHz
MCLKIN = 5 MHz
MCLKIN = 10 MHz
MCLKIN = 20 MHz
MCLKIN = 5 MHz
fIN = 543 Hz
MCLKIN = 20 MHz
MCLKIN = 10 MHz
MCLKIN = 5 MHz
fIN = 543 Hz
TA = +105°C
TA = +85°C
TA = –40°C
TA = +25°C
MCLKIN = 20 MHz
MCLKIN = 10 MHz
MCLKIN = 5 MHz
Figure 6. Input current vs. input voltage.
Figure 7. SNDR vs. input voltage VIN.
Figure 8. SNDR vs. temperature.
Figure 9. IDD1 vs. VIN DC input at various temperatures.
Figure 10. IDD1 vs. VIN DC input for various frequencies.


Similar Part No. - ACPL-796J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J AVAGO-ACPL-796J Datasheet
305Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results

Similar Description - ACPL-796J-500E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com