Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-4800-500E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-4800-500E
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-4800-500E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-4800-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Package Outline Drawings
DIP-8 Package
1.080 ± 0.320
(0.043 ± 0.013)
2.54 ± 0.25
(0.100 ± 0.010)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
5˚ TYP.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
7.62 ± 0.25
(0.300 ± 0.010)
6.35 ± 0.25
(0.250 ± 0.010)
9.65 ± 0.25
(0.380 ± 0.010)
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A XXXXZ
YYWW
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
5
6
7
8
4
3
2
1
OPTION CODE*
UL
RECOGNITION
UR
TYPE NUMBER
* MARKING CODE LETTER FOR OPTION NUMBERS
"V" = OPTION 060
OPTION NUMBERS 300 AND 500 NOT MARKED.
3.56 ± 0.13
(0.140 ± 0.005)
Ordering Information
ACPL-4800 is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Acceptance
Notice #5, File CA 88324.
Part number
Option
Package
Surface Mount
Gull Wing
Tape& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS
Compliant
ACPL-4800
-000E
300mil DIP-8
50 per tube
-300E
X
X
50 per tube
-500E
X
X
X
1000 per reel
-060E
X
50 per tube
-360E
X
X
X
50 per tube
-560E
X
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-4800-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging
with IEC/EN/DIN EN 60747-5-2 Safety Approval in RoHS compliant.
Example 2:
ACPL-4800-000E to order product of 300mil DIP package in tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.


Similar Part No. - ACPL-4800-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-4800-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Broadcom Corporation.
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
   Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
   Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com