Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-4800-060E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-4800-060E
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-4800-060E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-4800-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-4800-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
0.635 ± 0.25
(0.025 ± 0.010)
12˚ NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.635 ± 0.130
(0.025 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
3.56 ± 0.13
(0.140 ± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.54
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
LEAD COPLANARITY = 0.10 mm (0.004 INCHES).
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
0.254
+ 0.076
- 0.051
(0.010
+ 0.003)
- 0.002)
DIP-8 Package with Gull Wing Surface Mount Option 300


Similar Part No. - ACPL-4800-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
More results

Similar Description - ACPL-4800-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P456 BOARDCOM-ACPL-P456 Datasheet
464Kb / 14P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-4800 AVAGO-ACPL-4800 Datasheet
294Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACPL-P480-500E AVAGO-ACPL-P480-500E Datasheet
403Kb / 10P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-P480 BOARDCOM-ACPL-P480 Datasheet
641Kb / 11P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
   High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Broadcom Corporation.
ACPL-M484 BOARDCOM-ACPL-M484 Datasheet
787Kb / 13P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W484-000E AVAGO-ACPL-W484-000E Datasheet
237Kb / 12P
   Positive Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
logo
Broadcom Corporation.
ACPL-M483 BOARDCOM-ACPL-M483 Datasheet
676Kb / 13P
   Inverted Logic High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
ACNU-4803 BOARDCOM-ACNU-4803 Datasheet
1Mb / 11P
   Inverted Logic High CMR Intelligent Power Module (IPM) and Gate Drive Interface Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com