Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-054L-500E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-054L-500E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-054L-500E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-054L-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Lead Soldering Cycle
Temperature
260
°C
Time
10
s
Average Forward Input Current[1]
IF(avg)
20
mA
Peak Forward Input Current[2]
(50% duty cycle, 1ms pulse width)
IF(peak)
40
mA
Peak Transient Input Current
(≤1
s pulse width, 300ps)
IF(trans)
1A
Reversed Input Voltage
VR
5V
Input Power Dissipation[3]
PIN
36
mW
Output Power Dissipation[4]
PO
45
mW
Average Output Current
IO(AVG)
8mA
Peak Output Current
IO(PEAK)
16
mA
Supply Voltage
VCC
-0.5
30
V
Output Voltage
VO
-0.5
24
V
Solder Reflow Temperature Profile
See Package Outline Drawings section
Notes:
1. Derate linearly above 85°C free-air temperature at a rate of 0.5 mA/°C.
2. Derate linearly above 85°C free-air temperature at a rate of 1.0 mA/°C.
3. Derate linearly above 85°C free-air temperature at a rate of 0.9 mW/°C.
4. Derate linearly above 85°C free-air temperature at a rate of 1.2 mW/°C.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Supply Voltage
VCC
2.7
24
V
Input Current, High Level
IFH
310
mA
Operating Temperature
TA
-40
105
°C
Forward Input Voltage (OFF)
VF(OFF)
0.8
V


Similar Part No. - ACPL-054L-500E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-054L-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com