Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-263L Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-263L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-263L Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-263L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Thermal Derating Curve Figures
0
0
TS – CASE TEMPERATURE – C
HCPL-060L/HCPL-063L
200
700
400
25
800
50 75 100
200
150 175
PS (mW)
IS (mA)
125
100
300
600
500
0
0
TS – CASE TEMPERATURE – C
200
700
400
25
800
50 75 100
200
150 175
PS (mW)
IS (mA)
125
100
300
600
500
HCPL-260L/HCPL-263L
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
Description
Symbol
PDIP Option 060
SO-8 Option 060
Unit
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage
≤ 150 Vrms
for rated mains voltage
≤ 300 Vrms
for rated mains voltage
≤ 600 Vrms
I – IV
I – IV
I – III
I – IV
I – IV
I – III
Climatic Classification
40/85/21
40/85/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
630
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1181
1063
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and Sample Test, tm=10 sec, Partial
discharge < 5 pC
VPR
1008
907
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
6000
Vpeak
Safety-limiting values
– maximum values allowed in the event of a failure.
Case Temperature
TS
175
150
°C
Input Current
IS, INPUT
230
150
mA
Output Power
PS, OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥109
≥109
W
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-5, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Similar Part No. - HCPL-263L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-263L HP-HCPL-263L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L-000E AVAGO-HCPL-263L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-263L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com