Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-054L-560E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-054L-560E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-054L-560E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-054L-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-054L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ACPL-054L (Small Outline S0-8 Package)
ACPL-W50L Stretched SO-6 Package
4.480±0.254
(0.0180±0.010)
45°
0.381±0.127
(0.015±0.005)
1.27 (0.050) BSG
0.20±0.10
(0.008±0.004)
0.45 (0.018)
0.750±0.250
(0.0295±0.010)
11.50±0.250
(0.453±0.010)
6.807
0.268
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
12.65 (0.498)
LAND PATTERN RECOMMENDATION
3.180±0.127
(0.125±0.005)
1.590±0.127
(0.063±0.005)
1.91 (0.075)
3
2
1
4
5
6
0.76 (0.030)
+0.127
0
+0.005
- 0.000 )
(
W50L
YWW
PART NUMBER
DATE CODE
ROHS-COMPLIANCE
INDICATOR
54LV
YWW
8765
4
3
2
1
5.994 ± 0.203
(0.236 ± 0.008)
3.937 ± 0.127
(0.155 ± 0.005)
0.406 ± 0.076
(0.016 ± 0.003)
1.270
(0.050)
BSC
5.080 ± 0.127
(0.200 ± 0.005)
3.175 ± 0.127
(0.125 ± 0.005)
1.524
(0.060)
45° X
0.432
(0.017)
0.228 ± 0.025
(0.009 ± 0.001)
TYPE NUMBER
(‘V’ for OPTION 060)
DATE CODE
LEAD FREE
0.305
(0.012)
MIN.
0.203 ± 0.102
(0.008 ± 0.004)
PIN ONE
0 ~ 7°
*
Total package length (inclusive of mold flash)
5.207 ± 0.254 (0.205 ± 0.010)
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.10 mm (0.004 inches) max.
Option number 500 not marked.
Note: Floating lead protrusion is 0.15 mm (6 mils) max.
*
7.49 (0.295)
1.9 (0.075)
0.64 (0.025)
LAND PATTERN RECOMMENDATION


Similar Part No. - ACPL-054L-560E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-054L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com