Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W50L-560E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W50L-560E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W50L-560E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W50L-560E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W50L-560E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACPL-M50L, ACPL-054L, ACPL-W50L and ACPL-K54L
Low Power, 1MBd Digital Optocoupler
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-M50L (single-channel in SO-5 footprint),
ACPL-054L (dual-channel in SO-8 footprint), ACPL-W50L
(single-channel in stretched SO-6 footprint) and ACPL-
K54L (dual-channel in stretched SO-8 footprint) are low
power, low-input current, 1MBd digital optocouplers.
This digital optocouplers use an insulating layer between
the light emitting diode and an integrated photon detector
to provide electrical insulation between input and output.
Separate connections for the photodiode bias and output
transistor collector increase the speed up to a hundred
times over that of a conventional photo-transistor coupler
by reducing the base-collector capacitance.
The ACPL-M50L/054L/W50L/K54L have an increased com-
mon mode transient immunity of 15kV/
s minimum at
VCM = 1500V over a temperature range of -40 to 105°C.
The current transfer ratio (CTR) is 140% typical for ACPL-
M50L or 130% typical for ACPL-054L/W50L/K54L at IF
= 3mA. This digital optocoupler can be use in any TTL/
CMOS, TTL/LSTTL or wide bandwidth analog applications.
Functional Diagram
Features
 Wide supply voltage Vcc: 2.7V to 24V
 Low Drive Current: 3mA
 Open-Collector Output
 TTL compatible
 Compact SO-5, SO-8, stretched SO-6 and stretched
SO-8 package
 15 kV/s High Common-Mode Rejection at VCM = 1500 V
 Guaranteed performance from Temperature Range:
-40°C to +105°C
 Low Propagation Delay: 1s max at 5V
 Worldwide Safety Approval:
(Pending except ACPL-M50L)
– UL1577 recognized,
3750Vrms/1min for ACPL-M50L/054L,
5000Vrms/1min for ACPL-W50L/K54L,
– CSA Approval
– IEC 60747-5-5, IEC/EN/DIN EN 60747-5-2
Applications
 Communications Interface
 Digital Signal Isolation
 Micro-controller Interface
 Feedback Elements in Switching Power Supplies
 Digital isolation for A/D, D/A conversion Digital field
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
The connection of a 0.1
F bypass capacitor between pins 4 and 6 for
ACPL-M50L/W50L and between pins 5 and 8 for ACPL-054L/K54L is
recommended.
Truth Table
LED
Vo
ON
LOW
OFF
HIGH
7
1
2
3
4
5
6
8
ACPL-054L/K54L
5
1
3
4
6
ACPL-M50L
ACPL-W50L
1
2
3
6
5
4
VO
Anode
Cathode
GND
VCC
VO
GND
VCC
NC
Cathode
Anode
VO1
GND
VO2
VCC
Cathode1
Anode2
Cathode2
Anode1


Similar Part No. - ACPL-W50L-560E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W50L BOARDCOM-ACPL-W50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-W50L BOARDCOM-ACPL-W50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-W50L-560E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com