Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-K54L-060E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K54L-060E
Description  Low Power, 1MBd Digital Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K54L-060E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K54L-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K54L-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ACPL-K54L Stretched SO-8 Package
Solder Reflow Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-M50L/054L/W50L/K54L will be approved by the following organizations:
UL
Approval under UL 1577, component recognition program up to VISO = 3750 VRMS for ACPL-M50L/054L and VISO = 5000
VRMS for ACPL-W50L/K54L.
CSA
Approval under CSA Component Acceptance Notice #5.
IEC 60747-5-5, IEC/EN/DIN EN 60747-5-2 (Option 060E only)
4
0.381±0.13
(0.015±0.005)
1.270 (0.050) BSG
12.650 (0.5)
1.905 (0.1)
3
2
1
5
6
7
8
5.850±0.254
(0.230±0.010)
LAND PATTERN RECOMMENDATION
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
45°
0.200±0.100
(0.008±0.004)
0.450 (0.018)
0.750±0.250
(0.0295±0.010)
11.5±0.250
(0.453±0.010)
6.807±0.127
(0.268±0.005)
3.180±0.127
(0.125±0.005)
1.590±0.127
(0.063±0.005)
K54L
YWW
PART NUMBER
DATE CODE
ROHS-COMPLIANCE
INDICATOR


Similar Part No. - ACPL-K54L-060E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K54L BOARDCOM-ACPL-K54L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-K54L BOARDCOM-ACPL-K54L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
More results

Similar Description - ACPL-K54L-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
logo
Broadcom Corporation.
ACNU-250L BOARDCOM-ACNU-250L Datasheet
1Mb / 11P
   1MBd Optocoupler in 11-mm
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
   Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com