Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD701 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MMBD701
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBD701 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MMBD701 Datasheet HTML 1Page - Fairchild Semiconductor MMBD701 Datasheet HTML 2Page - Fairchild Semiconductor MMBD701 Datasheet HTML 3Page - Fairchild Semiconductor MMBD701 Datasheet HTML 4Page - Fairchild Semiconductor MMBD701 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.035” TYPICAL
(0.889)
0.060” +/- 0.005”
(1.524 +/- 0.127)
0.120” MINIMUM
(3.048)
0.030” +/- 0.005”
(0.762 +/- 0.127)
RECOMMENDED SOLDER PADS
FOR
SOT-23


Similar Part No. - MMBD701

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
MMBD701 DAESAN-MMBD701 Datasheet
262Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
Pan Jit International I...
MMBD701 PANJIT-MMBD701 Datasheet
150Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD701 LUGUANG-MMBD701 Datasheet
207Kb / 1P
   Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
MMBD701 DSK-MMBD701 Datasheet
200Kb / 2P
   Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
MMBD701 BILIN-MMBD701 Datasheet
132Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - MMBD701

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com