Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5962 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5962
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5962 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5962 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
100
200
300
400
500
15
20
25
30
VCC - SUPPLY VOLTAGE - V
IF = 10mA
VCC = 30V, VEE = 0V
Rg = 10
Ω, Cg = 10 nF
Duty Cycle = 50%
TA = 25
oC, f = 10khz
TPLH
TPHL
100
200
300
400
500
6
8
10
12
14
16
18
20
22
24
26
IF - FORWARD LED CURRENT - mA
VCC = 30V, VEE = 0V
Rg = 10
Ω, Cg = 10 nF
TA = 25
oC
Duty Cycle = 50%
f = 10khz
TPLH
TPHL
100
200
300
400
500
-55
-35
-15
5
25
45
65
85
105 125
TA - TEMPERATURE -
oC
IF = 10mA
VCC = 30V, VEE = 0V
Rg = 10
Ω, Cg = 10 nF
Duty Cycle = 50%
f = 10khz
TPLH
TPHL
0
1020
304050
100
200
300
400
500
Rg - SERIES LOAD RESISTANCE -
Ω
VCC = 30V, VEE = 0V
TA = 25
oC, I
F = 10mA
Cg = 10 nF
Duty Cycle = 50%
f = 10khz
TPLH
TPHL
Cg - LOAD CAPACITANCE - nF
100
200
300
400
500
0
20
40
60
80
100
TPLH
TPHL
VCC = 30V, VEE = 0V
TA = 25
oC, I
F = 10mA
Rg = 10
Ω
Duty Cycle = 50%
f = 10khz
0
5
10
15
20
25
30
012
3
45
IF - FORWARD LED CURRENT - mA
TA = 25
oC
0.001
0.01
0.1
1
10
100
1000
1.20
1.30
1.40
1.50
1.60
VF - FORWARD VOLTAGE - V
1.10
TA = 25
oC
Figure 10. Propagation Delay vs. V
CC
Figure 11. Propagation Delay vs. I
F
Figure 12. Propagation Delay vs. Temperature
Figure 13. Propagation Delay vs. Rg
Figure 14. Propagation Delay vs. Cg
Figure 15. Transfer Characteristics
Figure 16. Input Current vs. Forward Voltage


Similar Part No. - HCPL-5962

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-5962

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com