Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5962 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-5962
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5962 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5962 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5962 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Switching Specifications (AC)
Over recommended operating conditions (T
A
= -55 to +125
C, I
F(ON)
= 10 to 18 mA, V
F(OFF)
= -3.0 to 0.8V, V
CC
= 15 to 30
V, V
EE
= Ground), unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroups
(13)
Limits
Units
Fig
Note
Min.
Typ. *
Max.
Propagation Delay Time
to High Output Level
t
PLH
Rg = 10
,
Cg = 10 nF, f = 10
kHz,
Duty Cycle = 50%
9, 10, 11
0.10
0.30
0.50
s
10, 11,
12, 13,
14, 23
11
Propagation Delay Time
to Low Output Level
t
PHL
9, 10, 11
0.10
0.30
0.50
s
Pulse Width Distortion
PWD
9, 10, 11
0.3
s
12
Propagation Delay Dif-
ference Between Any
Two Parts
PDD
(t
PHL
- t
PLH
)
9, 10, 11
-0.35
0.35
s
33, 34
7
Rise Time
t
r
0.1
s
23
Fall Time
t
f
0.1
s
UVLO Turn On Delay
t
UVLO ON
V
O
> 5 V, I
F
= 10 mA
0.8
s
22
UVLO Turn Off Delay
t
UVLO OFF
V
O
< 5 V, I
F
= 10 mA
0.6
Output High Level Com-
mon Mode Transient
Immunity
|CM
H
|I
F
= 10mA, V
CM
=
1000 V,
V
CC
= 30 V, T
A
= 25
C
910
kV/
s
24
8, 9,
14
Output Low Level Com-
mon Mode Transient
Immunity
|CM
L
|V
CM
= 1000 V, V
F
=
0 V,
V
CC
= 30 V, T
A
= 25
C
910
kV/
s
8, 10,
14
*All typical values at T
A
= 25
C and V
CC
V
EE
= 30 V, unless otherwise noted.


Similar Part No. - HCPL-5962

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-5962

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5120 BOARDCOM-HCPL-5120 Datasheet
1Mb / 19P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com