Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-5095 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-5095
Description  Low Power Optical Mouse Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-5095 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-5095 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ADNS-5095 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
Table 3. AC Electrical Specifications
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 2.8 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Motion Delay after
Reset
tMOT-RST
50
ms
From RESET register write to valid motion
Forced Rest Enable
tREST-EN
1
s
From Rest Mode(RM) bits set to target rest
mode
Wake from Forced
Rest
tREST-DIS
1
s
From Rest Mode(RM) bits cleared to valid
motion
Power Down
tPD
50
ms
From PD active (when bit 1 of register 0x0d is
set) to low current
Wake from Power
Down
tWAKEUP
50
55
ms
From PD inactive (when write 0x5a to regis-
ter 0x3a) to valid motion
MISO Rise Time
tr-MISO
40
200
ns
CL = 100 pF
MISO Fall Time
tf-MISO
40
200
ns
CL = 100 pF
MISO Delay after
SCLK
tDLY-MISO
120
ns
From SCLK falling edge to MISO data valid,
no load conditions
MISO Hold Time
thold-MISO
500
1/fSCLK
ns
Data held until next falling SCLK edge
MOSI Hold Time
thold-MOSI
200
ns
Amount of time data is valid after SCLK rising
edge
MOSI Setup Time
tsetup-MOSI
120
ns
From data valid to SCLK rising edge
SPI Time between
Write Commands
tSWW
30
μs
From rising SCLK for last bit of the first data
byte, Commands to rising SCLK for last bit of
the second data byte
SPI Time between
Write and Read Com-
mands
tSWR
20
μs
From rising SCLK f or last bit of the first data
byte, to rising SCLK for last bit of the second
address byte
SPI Time between
Read and Subsequent
Commands
tSRW
tSRR
250
ns
From rising SCLK for last bit of the first data
byte, to falling SCLK for the first bit of the
next address
SPI Read Address-Data
Delay
tSRAD
4
μs
From rising SCLK for last bit of the address
byte, to falling SCLK for first bit of data being
read
NCS Inactive after Mo-
tion Burst
tBEXIT
250
ns
Minimum NCS inactive time after motion
burst before next SPI usage
NCS to SCLK Active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK falling
edge
SCLK to NCS Inactive
(for Read Operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS rising
edge, for valid MISO data transfer
SCLK to NCS Inactive
(for Write Operation)
tSCLK-NCS
20
μs
From last SCLK rising edge to NCS rising
edge, for valid MOSI data transfer
NCS to MISO high-Z
tNCS-MISO
250
ns
From NCS rising edge to MISO high-Z state
Transient Supply
Current
IDDT
60
mA
Max supply current during a VDD ramp from
0 to VDD


Similar Part No. - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5090 AVAGO-ADNS-5090 Datasheet
112Kb / 3P
   Trim Lens for LED Mouse
More results

Similar Description - ADNS-5095

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080_16 Datasheet
1,013Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5030 AVAGO-ADNS-5030 Datasheet
411Kb / 24P
   Low Power Optical Mouse Sensor
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com