Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-2-300E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # CNY17-2-300E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-2-300E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-2-300E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-2-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CNY17-X-300E
30 seconds
60 ~ 150 sec
90 sec
60 sec
60 sec
25
°C
150
°C
200
°C
250
°C
260
°C (Peak Temperature)
217
°C
Time (sec)
Absolute Maximum Ratings
Storage Temperature, TS
–55˚C to +150˚C
Operating Temperature, TA
–55˚C to +100˚C
Lead Solder Temperature, max.
260˚C for 10 s
(1.6 mm below seating plane)
Average Forward Current, IF
60 mA
Reverse Input Voltage, VR
6 V
Input Power Dissipation, PI
100 mW
Collector Current, IC
150 mA
Collector-Emitter Voltage, VCEO
70 V
Emitter-Collector Voltage, VECO
6 V
Collector-Base Voltage, VCBO
70 V
Collector Power Dissipation
150 mW
Total Power Dissipation
250 mW
Isolation Voltage, Viso
5000 Vrms
(AC for 1 minute, R.H. = 40 ~ 60%)
Solder Reflow Temperature Profile
1) One-timesolderingreflowisrecommendedwithin
theconditionoftemperatureandtimeprofileshown
atright.
2) Whenusinganothersolderingmethodsuchasin-
fraredraylamp,thetemperaturemayrisepartially
inthemoldofthedevice.Keepthetemperatureon
thepackageofthedevicewithintheconditionof(1)
above.
6.5 ± 0.5
(0.256)
DIMENSIONS IN MILLIMETERS AND (INCHES)
7.3 ± 0.5
(0.287)
2.54 ± 0.25
(0.1)
3.5 ± 0.5
(0.138)
7.62 ± 0.3
(0.3)
0.35 +0.15/-0.10
(0.014)
10.16 ± 0.3
(0.4)
1.2 ± 0.1
(0.047)
0.35 ± 0.25
(0.014)
1.0 ± 0.25
(0.039)
ANODE
DATE
CODE
LEAD FREE
A CNY17 -
Y Y WW
MODEL
NO.
Note: Non-halide flux should be used.


Similar Part No. - CNY17-2-300E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-2-M FAIRCHILD-CNY17-2-M Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-2-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-000E AVAGO-CNY17-000E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-X AVAGO-CNY17-X Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter
logo
NEC
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com