Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-1-W60E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # CNY17-1-W60E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-1-W60E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-1-W60E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-1-W60E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 1. Forward current vs. temperature.
Figure 2. Collector power dissipation vs. tempera-
ture.
Figure 3. Frequency response.
* CTR =
x 100%
IC
IF
Electrical Specifications (TA = 25˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
VF
1.4
1.7
V
IF = 60 mA
Reverse Current
IR
10
µA
VR = 6V
Terminal Capacitance
Ct
100
pF
V = 0, f = 1 MHz
Collector Dark Current
ICEO
50
nA
VCE = 10V
Collector-Emitter Breakdown Voltage
BVCEO
70
V
IC = 0.1 mA, IF = 0
Emitter-Collector Breakdown Voltage
BVECO
6
V
IE = 10 µA, IF = 0
Collector-Base Breakdown Voltage
BVCBO
70
V
IC = 0.1 mA, IF = 0
Collector Current
IC
4
32
mA
IF = 10 mA
*Current Transfer Ratio
CNY17-1
CTR
40
80
%
VCE = 5V
CNY17-2
63
125
CNY17-3
100
200
CNY17-4
160
320
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IF = 10 mA, IC = 2.5 mA
Response Time (Rise)
tr
5
10
µs
VCE = 5V, IC = 10 mA
Response Time (Fall)
tf
5
10
µs
RL = 100 Ω
Isolation Resistance
Riso
1 x 1011
DC 500 V
40 ~ 60% R.H.
Floating Capacitance
Cf
2
pF
V = 0, f = 1 MHz
0
TA – AMBIENT TEMPERATURE – °C
-25
75
125
60
25
20
40
0
50
100
-55
80
CNY17-1 fig 1
0
TA – AMBIENT TEMPERATURE – °C
-25
75
125
100
25
50
200
0
50
100
-55
150
CNY17-1 fig 2
160
-10
f – FREQUENCY – kHz
1
20
500
-2
5
-8
-6
2
2
10
50
0.5
0
CNY17-1 fig 3
100 200
RL = 200 Ω
IF = 10 mA
VCC = 5 V
TA = 25°C
RL = 150 Ω
RL = 75 Ω
-4


Similar Part No. - CNY17-1-W60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1-M FAIRCHILD-CNY17-1-M Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-1-W60E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-000E AVAGO-CNY17-000E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-X AVAGO-CNY17-X Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter
logo
NEC
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com