Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3-060E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # CNY17-3-060E
Description  Phototransistor Optocoupler High Collector-Emitter Voltage Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

CNY17-3-060E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  CNY17-3-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED CNY17-3-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Figure 5. Current transfer ratio vs. forward current.
Figure 6. Collector current vs. collector-emitter volt-
age.
Figure 7. Relative current transfer ratio vs. tempera-
ture.
Figure 8. Collector-emitter saturation voltage vs.
temperature.
Figure 9. Collector dark current vs. temperature.
Figure 4. Forward current vs. forward voltage.
Figure 11. Collector-emitter saturation voltage vs.
forward current.
Figure 10. Response time vs. load resistance.
1
VF – FORWARD VOLTAGE – V
2.0
3.0
10
5
500
1.0
0
CNY17-1 fig 4
TA = 75°C
0.5
1.5
2.5
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
0
IF – FORWARD CURRENT – mA
2
50
120
10
40
80
200
5
20
0
160
CNY17-1 fig 5
VCE = 5 V
TA = 25°C
RBE =
100 k
180
140
100
60
20
500 k
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
8
10
30
15
45
2
0
CNY17-1 fig 6
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 10 mA
IF = 5 mA
IF = 2 mA
10
5
20
25
35
40
4
6
0
100
50
150
CNY17-1 fig 7
VCE = 5 V
IF = 10 mA
TA – AMBIENT TEMPERATURE – °C
-25
75
25
0
50
100
-55
0
TA – AMBIENT TEMPERATURE – °C
-25
75
25
0.02
0.16
0
50
100
-55
0.10
CNY17-1 fig 8
IC = 2.5 mA
IF = 10 mA
0.04
0.06
0.08
0.12
0.14
10-13
80
20
0
40
100
-30
CNY17-1 fig 9
TA – AMBIENT TEMPERATURE – °C
VCE = 10 V
10-12
10-11
10-10
10-9
10-8
10-7
10-6
60
RL – LOAD RESISTANCE – kΩ
0.5
1
0.05
0.5
0.02
0.2
2
CNY17-1 fig 10
IF = 10 mA
VCC = 5 V
TA = 25°C
tf
0.1
5
10
tr
0
IF – FORWARD CURRENT – mA
7.5
12.5
2
5.0
0
CNY17-1 fig 11
2.5
10.0
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 2 mA
IC = 3 mA
IC = 5 mA


Similar Part No. - CNY17-3-060E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-3-M FAIRCHILD-CNY17-3-M Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3-060E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-000E AVAGO-CNY17-000E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-X AVAGO-CNY17-X Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter
logo
NEC
PS2633 NEC-PS2633 Datasheet
125Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
logo
Sharp Corporation
PC703V SHARP-PC703V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC8D52 SHARP-PC8D52 Datasheet
82Kb / 5P
   High Collector-emitter Voltage Type Photocouplers
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
   High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC851 SHARP-PC851 Datasheet
65Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com