Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-286B Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286B
Description  Surface Mount Microwave Schottky Detector Diodes
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286B Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286B Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286B Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
RF Electrical Specifications, TC = +25°C, Single Diode
Part
Typical Tangential Sensitivity
Typical Voltage Sensitivity g
Typical Video
Number
TSS (dBm) @ f =
(mV/µW) @ f =
Resistance
HSMS-
915 MHz
2.45 GHz
5.8 GHz
915 MHz
2.45 GHz
5.8 GHz
RV (KΩ)
2860
– 57
–56
–55
50
35
25
5.0
2862
2863
2864
2865
286B
286C
286E
286F
286K
286L
286P
286R
Test
Video Bandwidth = 2 MHz
Power in = –40 dBm
Ib = 5 µA
Conditions
Ib = 5 µA
RL = 100 KΩ, Ib = 5 µA
Absolute Maximum Ratings, TC = +25°C, Single Diode
Symbol
Parameter
Unit
Absolute Maximum[1]
SOT-23/143
SOT-323/363
PIV
Peak Inverse Voltage
V
4.0
4.0
TJ
Junction Temperature
°C
150
150
TSTG
Storage Temperature
°C
‑65 to 150
‑65 to 150
TOP
Operating Temperature
°C
‑65 to 150
‑65 to 150
θjc
Thermal Resistance[2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the
device.
2. TC = +25°C, where TC is defined to be the temperature at the package pins where contact is
made to the circuit board.
ESD Machine Model (Class A)
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R: Electro-
static Discharge Damage and Control.
Attention:
Observe precautions for
handling electrostatic
sensitive devices.


Similar Part No. - HSMS-286B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286B AVAGO-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286B AVAGO-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286B-BLKG AVAGO-HSMS-286B-BLKG Datasheet
430Kb / 18P
   HSMS-286x Series Surface Mount Microwave Schottky Detector Diodes
HSMS-286B-TR1G AVAGO-HSMS-286B-TR1G Datasheet
430Kb / 18P
   HSMS-286x Series Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286B

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286L BOARDCOM-HSMS-286L Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com